Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2098PPT Fiches technique(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

No de pièce 2SD2098PPT
Description  NPN Epitaxial Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENMKO [Chenmko Enterprise Co. Ltd.]
Site Internet  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SD2098PPT Fiches technique(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  2SD2098PPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SD2098PPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SD2098PPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD2098PPT
CHENMKO ENTERPRISE CO.,LTD
SMALL FLAT
NPN Epitaxial Transistor
VOLTAGE 20 Volts
CURRENT 5 Amperes
APPLICATION
FEATURE
* Small flat package. ( DPAK )
* Low saturation voltage VCE(sat)=0.25V(Typ.)(IC/IB=4A/0.1A)
CONSTRUCTION
* NPN Cilicon Transistor
* Power driver and Strobe Flash .
2006-01
* High saturation current capability.
Note
1. Transistor mounted on ceramic substrate by 40mmX40mmx0.7mm.
2. Measured at Pulse Width 300 us, Duty Cycle 2%.
THERMAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
CHARACTERISTICS
CONDITION
SYMBOL
UNITS
357
oC / W
Thermal Resistance (Junction to Ambient)
Note 1
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
CONDITION
Collector - Base Voltage
Collector - Emitter Voltage
Emitter - Base Voltage
Open Emitter
Open Base
Open Collector
Collector Current DC
Peak Collector Current
Peak Base Current
Total Power Dissipation
TA
25OC; Note 1
Storage Temperature
Junction Temperature
Operating Ambient Temperature
SYMBOL
VCBO
VCEO
VEBO
IBM
R JA
TAMB
TJ
TSTG
ICM
IC
MIN.
MAX.
UNITS
-
50
Volts
Volts
Volts
Amps
Amps
Amps
W
oC
oC
oC
-
20
-
6
-
5
-
10
-
0.5
-
1.0
-55
+150
-
+150
-55
+150
VALUE
PTOT
1. Transistor mounted on an FR4 printed-circuit board 1.6"X1.6"X0.06".
2. Measured at Pulse Width 300 us, Duty Cycle 2%.
.024 (0.60)
.035 (0.90)
DPAK
DPAK
Dimensions in inches and (millimeters)
CIRCUIT
.094 (2.38)
.086 (2.19)
.022 (0.55)
.018 (0.45)
.023 (0.58)
.018 (0.46)
.268 (6.80)
.252 (6.40)
.028 (0.70)
.019 (0.50)
1 Base
3 Collector ( Heat Sink )
2 Emitter
(1) (3) (2)
.181 (4.60)
(2)
(1)
(3)
E
C
B


Numéro de pièce similaire - 2SD2098PPT

FabricantNo de pièceFiches techniqueDescription
logo
Chenmko Enterprise Co. ...
2SD2098PT CHENMKO-2SD2098PT Datasheet
122Kb / 4P
   NPN Epitaxial Transistor
More results

Description similaire - 2SD2098PPT

FabricantNo de pièceFiches techniqueDescription
logo
Chenmko Enterprise Co. ...
CHTA14ZPT CHENMKO-CHTA14ZPT Datasheet
166Kb / 3P
   NPN Epitaxial Transistor
CH882PT CHENMKO-CH882PT Datasheet
117Kb / 4P
   NPN Epitaxial Transistor
logo
GTM CORPORATION
GS123 GTM-GS123 Datasheet
155Kb / 2P
   NPN EPITAXIAL TRANSISTOR
GSD2656 GTM-GSD2656 Datasheet
137Kb / 2P
   NPN EPITAXIAL TRANSISTOR
GMBT8050L GTM-GMBT8050L Datasheet
226Kb / 2P
   NPN EPITAXIAL TRANSISTOR
GSMBT8050 GTM-GSMBT8050 Datasheet
157Kb / 2P
   NPN EPITAXIAL TRANSISTOR
GSMBT9014 GTM-GSMBT9014 Datasheet
195Kb / 3P
   NPN EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SC1766PT CHENMKO-2SC1766PT Datasheet
139Kb / 4P
   NPN Epitaxial Transistor
2SD882PT CHENMKO-2SD882PT Datasheet
126Kb / 4P
   NPN Epitaxial Transistor
logo
Unisonic Technologies
2SD880 UTC-2SD880_11 Datasheet
154Kb / 4P
   NPN EPITAXIAL TRANSISTOR
TIP122 UTC-TIP122_08 Datasheet
88Kb / 4P
   NPN EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com