Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


BAY80 Datasheet(Fiches technique) 1 Page - SynSemi, Inc.

Numéro de pièce BAY80
Description  SWITCHING DIODE
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SYNSEMI [SynSemi, Inc.]
Site Internet  http://www.synsemi.com
Logo 

   
 1 page
background image
BAY80
SWITCHING DIODE
FEATURES :
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage: max. 120 V
• Repetitive peak reverse voltage: max. 150 V
• Repetitive peak forward current: max. 625 mA.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-35 Glass Case
Weight: approx. 0.13g
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRRM
150
V
VRM
120
V
Maximum Continuous Forward Current
IF
250
mA
Maximum Average Forward Current
IF(AV)
mA
Maximum Repetitive Peak Forward Current
IFRM
625
mA
Maximum Non-repetitive Peak Forward Current at t = 1ms, Tj = 25
°C
IFSM
1A
Maximum Power Dissipation
PD
400
mW
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 175
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VR = 120 V
-
-
100
nA
VR = 120 V, Tj = 150°C
-
-
100
μA
Forward Voltage
VF
IF = 10 mA
0.65
-
0.80
IF = 50 mA
0.73
-
0.92
IF = 100 mA
0.78
-
1.00
IF = 150 mA
-
-
1.07
Diode Capacitance
Cd
-
-
6
pF
IF = 30mA , IR = 30mA
IRR = 3mA , RL = 100 Ω
measured at IR = 3 mA
Page 1 of 2
Rev. 03 : January 28, 2006
200
V
ns
50
-
-
Test Condition
Reverse Recovery Time
Trr
f = 1MHz ; VR = 0
IR
Parameter
Reverse Current
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark




Html Pages

1  2 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
1SS400High speed Switching Diode 1 2 3 Galaxy Semi-Conductor Holdings Limited
1SS141SMALL SIGNAL SWITCHING DIODE 1 Galaxy Semi-Conductor Holdings Limited
BAS116Surface mount switching diode 1 2 3 Galaxy Semi-Conductor Holdings Limited
MMBD914High-speed switching diode 1 2 3 Galaxy Semi-Conductor Holdings Limited
TWD4148-400WUTwo Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
BAV70Three Terminals SMD Switching Diode 1 2 3 4 5 TAITRON Components Incorporated
1SS270Silicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
RKP450KEUltra small Package Composite Pin Diode for Antenna Switching 1 2 3 4 5 Renesas Technology Corp
RJK0389DPASilicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching 1 2 3 4 5 Renesas Technology Corp

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl