Moteur de recherche de fiches techniques de composants électroniques |
|
TLC139MFK Fiches technique(PDF) 3 Page - Texas Instruments |
|
TLC139MFK Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 17 page TLC139, TLC339, TLC339Q LinCMOS ™ MICROPOWER QUAD COMPARATORS SLCS119 – DECEMBER 1986 – REVISED JANUARY 1991 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions TLC139M, TLC339M UNIT MIN NOM MAX UNIT Supply voltage, VDD 4 5 16 V Common-mode input voltage, VIC 0 VDD – 1.5 V Low-level output current, IOL 20 mA Operating free-air temperature, TA –55 125 °C electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA TLC139M, TLC339M UNIT PARAMETER TEST CONDITIONS† TA MIN TYP MAX UNIT VIC =VICRmin VDD =5Vto10V 25 °C 1.4 5 VIO Input offset voltage VIC = VICRmin, See Note 3 VDD = 5 V to 10 V, –55 °C to 125 °C 10 mV IIO Input offset current VIC =2 5V 25 °C 1 pA IIO Input offset current VIC = 2.5 V 125 °C 15 nA IIB Input bias current VIC =2 5V 25 °C 5 pA IIB Input bias current VIC = 2.5 V 125 °C 30 nA VICR Common-mode input 25 °C 0 to VDD –1 V VICR voltage range –55 °C to 125 °C 0 to VDD – 1.5 V 25 °C 84 CMRR Common-mode rejection ratio VIC = VICRmin 125 °C 84 dB –55 °C 84 25 °C 85 kSVR Supply-voltage rejection ratio VDD = 5 V to 10 V 125 °C 84 dB –55 °C 84 VOL Low level output voltage VID =1 V IOL =6mA 25 °C 300 400 mV VOL Low-level output voltage VID = – 1 V, IOL = 6 mA 125 °C 800 mV IOH High level output current VID =1 V VO =5V 25 °C 0.8 40 nA IOH High-level output current VID = – 1 V, VO = 5 V 125 °C 1 µA Supply current (four 25 °C 44 80 IDD Supply current (four comparators) Outputs low, No load –55 °C to 125 °C 175 µA † All characteristics are measured with zero common-mode voltage unless otherwise noted. NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V with a 2.5-k Ω load to VDD. |
Numéro de pièce similaire - TLC139MFK |
|
Description similaire - TLC139MFK |