Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MUR440 Fiches technique(PDF) 1 Page - SynSemi, Inc.

No de pièce MUR440
Description  ULTRAFAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNSEMI [SynSemi, Inc.]
Site Internet  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

MUR440 Fiches technique(HTML) 1 Page - SynSemi, Inc.

  MUR440 Datasheet HTML 1Page - SynSemi, Inc. MUR440 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MUR440 - MUR460
ULTRAFAST RECTIFIERS
PRV : 400 - 600 Volts
Io : 4.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.16 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
DO-201AD
0.21 (5.33)
0.19 (4.82)
0.375 (9.52)
0.285 (7.24)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
MUR440
MUR460
UNIT
Maximum Repetitive Peak Reverse VoltageVRRM
400
600V
Maximum Working Reverse VoltageVRWM
400
600V
Maximum DC Blocking VoltageVDC
400
600V
Maximum Average Forward Current , Ta = 40
°C
IF(AV)
4.0A
Maximum Non-repetitive Peak Forward Surge CurrentI FSM
70A
Maximum Forward Voltage at IF = 4 A. (Note 1)VF
1.28V
Maximum Reverse Current at
TJ = 25
°C
IR
10
µA
Rated DC Blocking Voltage
TJ = 125
°C
IR(H)
250
µA
Maximum Reverse Recovery Time ( Note 2 )
Trr
50
ns
Junction Temperature RangeTJ
- 65 to + 175
°C
Storage Temperature RangeTSTG
- 65 to + 175
°C
Notes :
(1) Pulse Test : Pulse Width = 300
µs, Duty Cycle
2.0%
(2) Reverse Recovery Test Conditions : IF = 0.5A, IR = 1A ; Irr = 0.25 A
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
* Pb / RoHS Free


Numéro de pièce similaire - MUR440

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
MUR440 JGD-MUR440 Datasheet
143Kb / 2P
   4.0 AMPS. ULTRA FAST RECTIFIERS
logo
RFE international
MUR440 RFE-MUR440 Datasheet
1Mb / 4P
   Super Fast Rectifier MUR420 Through MUR4100
09-30-2022
logo
Taiwan Semiconductor Co...
MUR440 TSC-MUR440 Datasheet
383Kb / 4P
   4A, 200V - 600V Ultrafast Glass Passivated Rectifiers
logo
Diotech Company.
MUR440 DIOTECH-MUR440 Datasheet
905Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Nanjing International G...
MUR440 DGNJDZ-MUR440 Datasheet
140Kb / 2P
   4.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Description similaire - MUR440

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
MUR460AX SMC-MUR460AX Datasheet
163Kb / 5P
   ULTRAFAST RECTIFIERS
MUR640AX SMC-MUR640AX Datasheet
155Kb / 4P
   ULTRAFAST RECTIFIERS
logo
Leshan Radio Company
UF4004 LRC-UF4004_15 Datasheet
201Kb / 7P
   Ultrafast Rectifiers
UF4005 LRC-UF4005_15 Datasheet
201Kb / 7P
   Ultrafast Rectifiers
UF5402 LRC-UF5402_15 Datasheet
195Kb / 7P
   Ultrafast Rectifiers
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Motorola, Inc
MUR1650CT MOTOROLA-MUR1650CT Datasheet
314Kb / 5P
   ULTRAFAST RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR405 NJSEMI-MUR405 Datasheet
82Kb / 1P
   ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
UGF12JT VISHAY-UGF12JT Datasheet
55Kb / 3P
   Ultrafast Rectifiers
30-Jul-02
logo
Motorola, Inc
MUR10005CT MOTOROLA-MUR10005CT Datasheet
620Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Sangdest Microelectroni...
MURS320 SMC-MURS320 Datasheet
299Kb / 7P
   ULTRAFAST RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com