Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB180 Fiches technique(PDF) 1 Page - SynSemi, Inc.

No de pièce SB180
Description  SCHOTTKY BARRIER RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNSEMI [SynSemi, Inc.]
Site Internet  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

SB180 Fiches technique(HTML) 1 Page - SynSemi, Inc.

  SB180 Datasheet HTML 1Page - SynSemi, Inc. SB180 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB120 - SB1B0
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 20 - 100 Volts
IO : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low forward voltage drop
* Low cost
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.312 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SB
120
SB
130
SB
140
SB
150
SB
160
SB
170
SB
180
SB
190
SB
1B0
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
70
80
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
49
56
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
70
80
90
100
V
Maximum Average Forward Current
0.375", 9.5mm Lead Length See Fig.1
Maximum Peak Forward Surge Current,
8.3ms single half sine wave Superimposed
on rated load (JEDEC Method) TL = 75
°C
Maximum Forward Voltage at IF = 1.0 A (Note 2)
VF
0.5
0.7
0.79
V
Maximum Reverse Current at
Ta = 25
°C
IR
0.5
mA
Rated DC Blocking Voltage (Note 1)
Ta = 100
°C
IR(H)
10
5.0
mA
Typical Thermal Resistance (Note 2)
R
θJL
15
°C/W
Junction Temperature Range
TJ
- 40 to + 125
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
(1) Pulse Test : Pulse W idth = 300
µs, Duty Cycle = 2%.
(2) Thermal Resistance from junction to lead, PC board Mounting with 0.375" (9.5mm) Lead Lengths.
Page 1 of 2
Rev. 01 : January 10, 2004
A
A
RATING
IF(AV)
IFSM
1.0
40
DO - 41
0.205 (5.20)
0.160 (4.10)
0.107 (2.74)
0.080 (2.03)
0.034 (0.86)
0.028 (0.71)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Numéro de pièce similaire - SB180

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB180 PANJIT-SB180 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
SB180 DGNJDZ-SB180 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Tak Cheong Electronics ...
SB180 TAK_CHEONG-SB180 Datasheet
121Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
logo
Guangdong Kexin Industr...
SB180 KEXIN-SB180 Datasheet
797Kb / 2P
   Schottky Diodes
logo
Transys Electronics
SB180 TRSYS-SB180 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB180

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com