Moteur de recherche de fiches techniques de composants électroniques |
|
TL33072D Fiches technique(PDF) 3 Page - Texas Instruments |
|
TL33072D Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 8 page TL3x071, TL3x071A, TL3x072, TL3x072A, TL3x074, TL3x074A HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS SLOS097C – MARCH 1991 – REVISED AUGUST 1996 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC+ (see Note 1) 22 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage, VCC– – 22 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±44 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (any input) VCC± . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current, II (each input) ±1 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output current, IO ±80 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current into VCC+ 80 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Total current out of VCC– 80 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of short-circuit current at (or below) 25 °C (see Note 3) unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: TL3307x – 40 °C to 105°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL3407x 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL3507x – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds: D, DW, N, or P package 260 °C . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC –. 2. Differential voltages are at the noninverting input with respect to the inverting input. Excessive current flows if input is brought below VCC – – 0.3 V. 3. The output can be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 105°C TA = 125°C PACKAGE A POWER RATING ABOVE TA = 25°C A POWER RATING A POWER RATING A POWER RATING D 725 mW 5.8 mW/ °C 464 mW 261 mW 145 mW DW 1025 mW 8.2 mW/ °C 656 mW 369 mW 205 mW N 1150 mW 9.2 mW/ °C 736 mW 414 mW 230 mW P 1000 mW 8.0 mW/ °C 640 mW 360 mW 200 mW recommended operating conditions TL3307x TL3407x TL3507x UNIT MIN MAX MIN MAX MIN MAX UNIT Supply voltage, VCC ± ±2 ±22 ±2 ±22 ±2 ±22 V Common mode input voltage VIC VCC = 5 V 0 2.7 0 2.9 0 2.7 V Common-mode input voltage, VIC VCC ± = ±15 V –15 12.7 –15 12.9 –15 12.7 V Operating free-air temperature, TA –40 105 0 70 –55 125 °C |
Numéro de pièce similaire - TL33072D |
|
Description similaire - TL33072D |