Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4933 Fiches technique(PDF) 1 Page - SynSemi, Inc.

No de pièce 1N4933
Description  FAST RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNSEMI [SynSemi, Inc.]
Site Internet  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

1N4933 Fiches technique(HTML) 1 Page - SynSemi, Inc.

  1N4933 Datasheet HTML 1Page - SynSemi, Inc. 1N4933 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4933 - 1N4937
FAST RECOVERY
RECTIFIER DIODES
PRV : 50 - 600 Volts
Io : 1.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
1N4933
1N4934
1N4935
1N4936
1N4937
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 50
°C
Maximum Peak Forward Surge Current,
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 1.0 Amp.
VF
1.2
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
100
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
ns
Typical Junction Capacitance ( Note 2 )
CJ
15
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 01 : January 10, 2004
A
A
RATING
IF(AV)
IFSM
30
1.0
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)


Numéro de pièce similaire - 1N4933

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Dc Components
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Description similaire - 1N4933

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com