Moteur de recherche de fiches techniques de composants électroniques |
|
TL084CN Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
TL084CN Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 19 page TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A TL081B, TL082B, TL084B JFET-INPUT OPERATIONAL AMPLIFIERS SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 6 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) TL08_C TL08_AC TL08_BC TL08_I TL08_M UNIT Supply voltage, VCC + (see Note 1) 18 18 18 V Supply voltage VCC – (see Note 1) –18 –18 –18 V Differential input voltage (see Note 2) ± 30 ± 30 ± 30 V Input voltage (see Notes 1 and 3) ±15 ±15 ±15 V Duration of output short circuit (see Note 4) unlimited unlimited unlimited Continuous total dissipation See Dissipation Rating Table Operating free-air temperature range 0 to 70 – 40 to 85 – 55 to 125 °C Storage temperature range – 65 to 150 – 65 to 150 – 65 to 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds J or JG package 300 °C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds D, N, P, or PW package 260 260 °C NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VCC + and VCC –. 2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR DERATE ABOVE TA TA = 70°C POWER RATING TA = 85°C POWER RATING TA = 125°C POWER RATING D (8 Pin) 680 mW 5.8 mW/ °C 32 °C 464 mW 377 mW N/A D (14 Pin) 680 mW 7.6 mW/ °C 60 °C 608 mW 494 mW N/A FK 680 mW 11.0 mW/ °C88°C 680 mW 680 mW 275 mW J 680 mW 11.0 mW/ °C88°C 680 mW 680 mW 275 mW JG 680 mW 8.4 mW/ °C69°C 672 mW 546 mW 210 mW N 680 mW 9.2 mW/ °C76°C 680 mW 598 mW N/A P 680 mW 8.0 mW/ °C 65 °C 640 mW 520 mW N/A PW (8 Pin) 525 mW 4.2 mW/ °C 25 °C 336 mW N/A N/A PW (14 Pin) 700 mW 5.6 mW/ °C 25 °C 448 mW N/A N/A |
Numéro de pièce similaire - TL084CN |
|
Description similaire - TL084CN |