Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CST-S30321M9 Fiches technique(PDF) 2 Page - China Semiconductor Corporation

No de pièce CST-S30321M9
Description  0.3 Inch Triad Digit SMD Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CST-S30321M9 Fiches technique(HTML) 2 Page - China Semiconductor Corporation

  CST-S30321M9 Datasheet HTML 1Page - China Semiconductor Corporation CST-S30321M9 Datasheet HTML 2Page - China Semiconductor Corporation CST-S30321M9 Datasheet HTML 3Page - China Semiconductor Corporation CST-S30321M9 Datasheet HTML 4Page - China Semiconductor Corporation CST-S30321M9 Datasheet HTML 5Page - China Semiconductor Corporation CST-S30321M9 Datasheet HTML 6Page - China Semiconductor Corporation CST-S30321M9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.3 inch (7.62mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board.
Device Selection Guide -
Mechanical Dimensions -
Page
1/6
Common Cathode
Chip
Emitting Color
Model No.
CST-S30320M9
AIGaInP
Super Bright Green
Material
Super Bright Green
PS-DT-S30320/S30321M9
Model No CST-S30320/S30321M9
Common Anode
A
Description
2. Qualified according to JEDEC moisture sensitivity Level 2a.
http://www.csctw.com.tw
CST-S30321M9
AIGaInP


Numéro de pièce similaire - CST-S30321M9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CST-S30321A9 CHINASEMI-CST-S30321A9 Datasheet
258Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30321B7 CHINASEMI-CST-S30321B7 Datasheet
248Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30321G CHINASEMI-CST-S30321G Datasheet
254Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30321S CHINASEMI-CST-S30321S Datasheet
252Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30321T9 CHINASEMI-CST-S30321T9 Datasheet
255Kb / 7P
   0.3 Inch Triad Digit SMD Display
More results

Description similaire - CST-S30321M9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CST-S30320A9 CHINASEMI-CST-S30320A9 Datasheet
258Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320G CHINASEMI-CST-S30320G Datasheet
254Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320B7 CHINASEMI-CST-S30320B7 Datasheet
248Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320S CHINASEMI-CST-S30320S Datasheet
252Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320T9 CHINASEMI-CST-S30320T9 Datasheet
255Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S30320V9 CHINASEMI-CST-S30320V9 Datasheet
246Kb / 7P
   0.3 Inch Triad Digit SMD Display
CST-S56320B7 CHINASEMI-CST-S56320B7 Datasheet
267Kb / 7P
   0.56 Inch Triad Digit SMD Display
CST-S56320M9 CHINASEMI-CST-S56320M9 Datasheet
274Kb / 7P
   0.56 Inch Triad Digit SMD Display
CST-S56320T9 CHINASEMI-CST-S56320T9 Datasheet
274Kb / 7P
   0.56 Inch Triad Digit SMD Display
CST-S56320V9 CHINASEMI-CST-S56320V9 Datasheet
265Kb / 7P
   0.56 Inch Triad Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com