Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM320AC37IDWR Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TCM320AC37IDWR
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC37IDWR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TCM320AC37IDWR Datasheet HTML 6Page - Texas Instruments TCM320AC37IDWR Datasheet HTML 7Page - Texas Instruments TCM320AC37IDWR Datasheet HTML 8Page - Texas Instruments TCM320AC37IDWR Datasheet HTML 9Page - Texas Instruments TCM320AC37IDWR Datasheet HTML 10Page - Texas Instruments TCM320AC37IDWR Datasheet HTML 11Page - Texas Instruments TCM320AC37IDWR Datasheet HTML 12Page - Texas Instruments TCM320AC37IDWR Datasheet HTML 13Page - Texas Instruments TCM320AC37IDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements
clock timing requirements over recommended ranges of supply voltage and operating free-air temperature
(see Figure 1 through Figure 4)
MIN
NOM†
MAX
UNIT
tt
Transition time, CLK and DCLKX /DCLKR
10
ns
Duty cycle, CLK
45%
50%
55%
Duty cycle, DCLKX /DCLKR
45%
50%
55%
† All typical values are at VCC = 5 V, TA = 25°C.
transmit timing requirements over recommended ranges of supply voltage and operating free-air
temperature, fixed-data-rate mode (see Figure 2)
MIN
MAX
UNIT
tsu(FSX)
Setup time, FSX high before CLK
20
468
ns
th(FSX)
Hold time, FSX high after CLK
20
468
ns
receive timing requirements over recommended ranges of supply voltage and operating free-air
temperature, fixed-data-rate mode (see Figure 1)
MIN
MAX
UNIT
tsu(FSR)
Setup time, FSR high before CLK
20
468
ns
th(FSR)
Hold time, FSR high after CLK
20
468
ns
tsu(DIN)
Setup time, DIN high or low before CLK
20
ns
th(DIN)
Hold time, DIN high or low after CLK
20
ns
transmit timing requirements over recommended ranges of supply voltage and operating free-air
temperature, variable-data-rate mode (see Figure 4)
MIN
MAX
UNIT
tsu(FSX)
Setup time, FSX high before DCLKX
40
tc(DCLKX)–40
ns
th(FSX)
Hold time, FSX high after DCLKX
35
tc(DCLKX)–35
ns
receive timing requirements over recommended ranges of supply voltage and operating free-air
temperature, variable-data-rate mode (see Figure 3)
MIN
MAX
UNIT
tsu(FSR)
Setup time, FSR high before DCLKR
40
ns
th(FSR)
Hold time, FSR high after DCLKR
35
tc(DCLKR)–35
ns
tsu(DIN)
Setup time, DIN high or low before DCLKR
30
ns
th(DIN)
Hold time, DIN high or low after DCLKR
30
ns
switching characteristics
propagation delay times over recommended ranges of operating conditions, fixed-data-rate mode,
CL = 0 to 10 pF (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd1
From CLK bit 1 high to DOUT bit 1 valid
35
ns
tpd2
From CLK high to DOUT valid, bits 2 to n
35
ns
tpd3
From CLK bit n low to DOUT bit n Hi-Z
30
ns
tpd4
From CLK bit 1 high to TSX active (low)
Rpullup = 1.24 kΩ
40
ns
tpd5
From CLK bit n low to TSX inactive (high)
Rpullup = 1.24 kΩ
30
ns


Numéro de pièce similaire - TCM320AC37IDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC38CDW TI1-TCM320AC38CDW Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC39 TI1-TCM320AC39 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC39CDW TI1-TCM320AC39CDW Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC39CN TI1-TCM320AC39CN Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
More results

Description similaire - TCM320AC37IDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC36IPT TI-TLV320AC36IPT Datasheet
326Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com