Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM129C16N Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TCM129C16N
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TCM129C16N Fiches technique(HTML) 4 Page - Texas Instruments

  TCM129C16N Datasheet HTML 1Page - Texas Instruments TCM129C16N Datasheet HTML 2Page - Texas Instruments TCM129C16N Datasheet HTML 3Page - Texas Instruments TCM129C16N Datasheet HTML 4Page - Texas Instruments TCM129C16N Datasheet HTML 5Page - Texas Instruments TCM129C16N Datasheet HTML 6Page - Texas Instruments TCM129C16N Datasheet HTML 7Page - Texas Instruments TCM129C16N Datasheet HTML 8Page - Texas Instruments TCM129C16N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL NO.
NAME
TCM29C13
TCM129C13
TCM29C14
TCM129C14
TCM29C16
TCM29C17
TCM129C16
TCM129C17
I/O
DESCRIPTION
PDN
5
5
4
I
Power-down select. The device is inactive with a TTL low-level input to
this terminal and active with a TTL high-level input to the terminal.
PWRO +
2
2
2
O
Noninverting output of power amplifier. Can drive transformer hybrids or
high-impedance loads directly in either a differential or a single-ended
configuration
PWRO –
3
3
3
O
Inverting output of power amplifier. Functionally identical with and
complementary to PWRO +.
SIGR
8
O
Signaling bit output, receive channel. In a fixed-data-rate mode, outputs
the logical state of the 8th bit (LSB) of the PCM word in the most recent
signaling frame.
SIGX/ASEL
15
18
I
A-law and
µ-law operation select. When connected to VBB, A-law is
selected. When connected to VCC or GND, µ-law is selected. When not
connected to VBB, a TTL-level input is transmitted as the eighth bit (LBS)
of the PCM word during signaling frames on PCM OUT (TCM29C14 and
TCM129C14 only). SIGX/ASEL is internally connected to provide
µ-law
operational for TCM29C16 and TCM129C16 and A-law operation for
TCM29C17 and TCM129C17.
TSX/DCLKX
14
17
12
I/O
Transmit channel time-slot strobe (output) or data clock (input) for the
transmit channel. In the fixed-data-rate mode, this terminal is an
open-drain output to be used as an enable signal for a 3-state output
buffer. In the variable-data rate mode, DCLKX becomes the transmit
data clock, which operates at TTL level from 64 kHz to 2.048 MHz.
VBB
1
1
1
Most negative supply voltage. Input is – 5 V
±5%.
VCC
20
24
16
Most positive supply voltage. Input is 5 V
±5%


Numéro de pièce similaire - TCM129C16N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM129C16 TI1-TCM129C16 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C16A TI-TCM129C16A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C16ADW TI-TCM129C16ADW Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM129C16AN TI-TCM129C16AN Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Description similaire - TCM129C16N

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com