Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM320AC36 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TCM320AC36
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC36 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TCM320AC36 Datasheet HTML 7Page - Texas Instruments TCM320AC36 Datasheet HTML 8Page - Texas Instruments TCM320AC36 Datasheet HTML 9Page - Texas Instruments TCM320AC36 Datasheet HTML 10Page - Texas Instruments TCM320AC36 Datasheet HTML 11Page - Texas Instruments TCM320AC36 Datasheet HTML 12Page - Texas Instruments TCM320AC36 Datasheet HTML 13Page - Texas Instruments TCM320AC36 Datasheet HTML 14Page - Texas Instruments TCM320AC36 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
propagation delay times over recommended ranges of operating conditions, variable-data-rate mode (see
Figure 4)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tpd6
FSX high to DOUT bit 1 valid
CL = 0 to 10 pF
30
ns
tpd7
DCLKX high to DOUT valid, bits 2 to n
CL = 0 to 10 pF
40
ns
tpd8
FSX low to DOUT bit n Hi-Z
20
ns
PARAMETER MEASUREMENT INFORMATION
All timing parameters are referenced to VIH and VIL. Bit 1 = MSB (most significant bit) and is clocked in first on DIN
or clocked out first on DOUT. Bit n = LSB (least significant bit) and is clocked in last on DIN or is clocked out last on
DOUT. N = 8 for the companded mode, and N = 16 for the linear mode.
N–1
N
1
23
4
N – 1
N
1
N+1
N
N–1
N–2
4
3
2
1
0
CLK
FSR
DIN
tsu(FSR)
th(FSR)
See Note B
See Note A
th(DIN)
tsu(DIN)
Receive Time Slot
20%
20%
80%
80%
See Note C
N–2
NOTES: A. This window is allowed for FSR high.
B. This window is allowed for FSR low.
C. Transitions are measured at 50%.
Figure 1. Fixed-Data Rate Mode, Receive Side Timing Diagram
N–1
N–2
3
2
1
N+1
N
N–1
N–2
4
3
2
1
0
N
th(FSX)
CLK
FSX
DOUT
TSX
See Note B
tpd2
tpd3
tpd1
tpd4
tpd5
Transmit Time Slot
tsu(FSX)
20%
80%
20%
80%
See Note C
20%
80%
See Note A
NOTES: A. This window is allowed for FSX high.
B. This window is allowed for FSX low (th(FSX) max determined by data collision considerations).
C. Transitions are measured at 50%.
Figure 2. Fixed-Data Rate Mode, Transmit Side Timing Diagram


Numéro de pièce similaire - TCM320AC36

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC38CDW TI1-TCM320AC38CDW Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC39 TI1-TCM320AC39 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC39CDW TI1-TCM320AC39CDW Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC39CN TI1-TCM320AC39CN Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
More results

Description similaire - TCM320AC36

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC36IPT TI-TLV320AC36IPT Datasheet
326Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com