Moteur de recherche de fiches techniques de composants électroniques |
|
TCM129C13 Fiches technique(PDF) 3 Page - Texas Instruments |
|
TCM129C13 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 25 page TCM29C13, TCM29C14, TCM29C16, TCM29C17, TCM129C13, TCM129C14, TCM129C16, TCM129C17 COMBINED SINGLE-CHIP PCM CODEC AND FILTER SCTS011H – APRIL 1986 – REVISED JULY 1996 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions TERMINAL NO. NAME TCM29C13 TCM129C13 TCM29C14 TCM129C14 TCM29C16 TCM29C17 TCM129C16 TCM129C17 I/O DESCRIPTION ANLG GND 16 20 13 Analog ground return for all internal voice circuits. Not internally connected to DGTL GND. ANLG IN + 17 21 I Noninverting analog input to uncommitted transmit operational amplifier. Internally connected to ANLG GND on TCM129C16, TCM29C16, TCM129C17, and TCM29C17. ANLG IN – 18 22 14 I Inverting analog input to uncommitted transmit operational amplifier. ANLG LOOP 7 I Provides loopback test capability. When this input is high, PWRO + is internally connected to ANLG IN. CLKR 11 13 9 I Receive master clock and data clock for the fixed-data-rate mode. Receive master clock only for variable-data-rate mode. CLKR and CLKX are internally connected together for TCM129C13, TCM129C16, TCM129C17, TCM29C13, TCM29C16, and TCM29C17. CLKSEL 6 6 I Clock-frequency selection. Input must be connected to VBB, VCC, or ground to reflect the master-clock frequency. When tied to VBB, CLK is 2.048 MHz. When tied to GND, CLK is 1.544 MHz. When tied to VCC, CLK is 1.536 MHz. CLKX 11 14 9 I Transmit master clock and data clock for the fixed-data-rate mode. Transmit master clock only for variable-date-rate mode. CLKR and CLKX are internally connected for the TCM129C13, TCM129C16, TCM129C17, TCM29C13, TCM29C16, and TCM29C17. DCLKR 7 9 5 I Fixed or variable-data-rate operation select. When connected to VBB, the device operates in the fixed-data-rate mode. When DCLKR is not connected to VBB, the device operates in the variable-data-rate mode, and DCLKR becomes the receiver data clock. DCLKR then operates at frequencies from 64 kHz to 2.048 MHz. DGTL GND 10 12 8 Digital ground for all internal logic circuits. Not internally connected to ANLG GND. FSR/TSRE 9 11 7 I Frame synchronization clock input/time-slot enable for receive channel. In the fixed-data-rate mode, FSR distinguishes between signaling and nonsignaling frames by a double- or single-length pulse, respectively. In the variable-data-rate mode, this signal must remain high for the duration of the time slot. The receive channel enters the standby state when FSR is TTL low for 300 ms. FSX/TSXE 12 15 10 I Frame-synchronization clock input/time-slot enable for transmit channel. Operates independently of, but in an analagous manner to, FSR/TSRE. The transmit channel enters the standby state when FSX is low for 300 ms. GSR 4 4 I Input to the gain-setting network on the output power amplifier. Transmission level can be adjusted over a 12-dB range depending on the voltage at GSR. GSX 19 23 15 O Output terminal of internal uncommitted operational amplifier. Internally, this is the voice signal input to the transmit filter. PCM IN 8 10 6 I Receive PCM input. PCM data is clocked in on eight consecutive negative transitions of the receive data clock, which is CLKR in fixed-data-rate timing and DCLKR in variable-data-rate timing. PCM OUT 13 16 11 O Transmit PCM output. PCM data is clocked out on this output on eight consecutive positive transitions of the transmit data clock, which is CLKX in fixed-data-rate timing and DCLKX in variable-data-rate timing. |
Numéro de pièce similaire - TCM129C13 |
|
Description similaire - TCM129C13 |