Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

98660-0001 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 98660-0001
Description  MOST Receptacle Housing with Connectors and Cable Cover
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

98660-0001 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  98660-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 98660-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit our Web site at http://www.molex.com
Order No. MUN/E067
Printed in Germany/5K/whp/whp/2006.06
©2006, Molex
2.54 mm (.100") Pitch
MOST Receptacle Housing
with Connectors and Cable
Cover
98681 – Frame Receptacle
98684 – Receptacle Housing
98685 – Power Connector
98660 – Cable Cover
ORDERING INFORMATION
Consumer Automotive
Car Stereo
Navigation Systems
Transport Non-Automotive (Trucks, Bus,
Agriculture Equipment, etc.)
Audio System
Navigation System
Marine Radio
MARKETS AND APPLICATIONS
Order No.
Description
98681-1001
MOST Frame Receptacle Housing, 40 electrical and 4 optical Circuits, Black, with strain relief option
98681-1002
MOST Frame Receptacle Housing, 44 Circuits, Black, w/o strain relief option
98684-0001
MOST Receptacle Housing for 0.64 mm Terminals, TPA, Key A, Black, 12 Circuits
98684-0002
MOST Receptacle Housing for 0.64 mm Terminals, TPA, Key B, Natural, 12 Circuits
98685-1001
MOST Receptacle Power Connector for 2.80 mm Terminals, with TPA, Black, 8 Circuits
98660-0001
MOST Strain Relief Cable Cover
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352


Numéro de pièce similaire - 98660-0001

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Accelerometer...
986-0030 HONEYWELL-ACC-986-0030 Datasheet
67Kb / 1P
   High-flexibility triax mount
986-0031 HONEYWELL-ACC-986-0031 Datasheet
67Kb / 1P
   High-flexibility triax mount
986-0032 HONEYWELL-ACC-986-0032 Datasheet
67Kb / 1P
   High-flexibility triax mount
986-0033 HONEYWELL-ACC-986-0033 Datasheet
67Kb / 1P
   High-flexibility triax mount
986-0034 HONEYWELL-ACC-986-0034 Datasheet
67Kb / 1P
   High-flexibility triax mount
More results

Description similaire - 98660-0001

FabricantNo de pièceFiches techniqueDescription
logo
Mitsumi Electronics, Co...
ML-940 MITSUMI-ML-940 Datasheet
74Kb / 2P
   MOST Connectors
logo
Glenair, Inc.
667-117XW19R6 GLENAIR-667-117XW19R6 Datasheet
302Kb / 1P
   Composite Receptacle Cover for Connectors
667-079C15L GLENAIR-667-079C15L Datasheet
252Kb / 1P
   Composite Receptacle Cover for Connectors
667-11816R6 GLENAIR-667-11816R6 Datasheet
300Kb / 1P
   Composite Receptacle Cover for connectors
logo
PHOENIX CONTACT
2764056 PHOENIX-2764056 Datasheet
140Kb / 8P
   Housing base, with snap foot and test opening with side cover
2764111 PHOENIX-2764111 Datasheet
146Kb / 8P
   Housing base, with snap foot and test opening with side cover
2764153 PHOENIX-2764153 Datasheet
189Kb / 13P
   Housing base, with snap foot and test opening with side cover
logo
Honeywell Solid State E...
HIH3610 HONEYWELL-HIH3610 Datasheet
74Kb / 4P
   Molded thermoset plastic housing with cover
logo
PHOENIX CONTACT
2735386 PHOENIX-2735386 Datasheet
146Kb / 8P
   Housing base, with metal foot catch and test opening with side cover
2764962 PHOENIX-2764962 Datasheet
152Kb / 9P
   Housing base, with metal foot catch and test opening with side cover
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com