Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM29C14 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TCM29C14
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TCM29C14 Fiches technique(HTML) 3 Page - Texas Instruments

  TCM29C14 Datasheet HTML 1Page - Texas Instruments TCM29C14 Datasheet HTML 2Page - Texas Instruments TCM29C14 Datasheet HTML 3Page - Texas Instruments TCM29C14 Datasheet HTML 4Page - Texas Instruments TCM29C14 Datasheet HTML 5Page - Texas Instruments TCM29C14 Datasheet HTML 6Page - Texas Instruments TCM29C14 Datasheet HTML 7Page - Texas Instruments TCM29C14 Datasheet HTML 8Page - Texas Instruments TCM29C14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL NO.
NAME
TCM29C13
TCM129C13
TCM29C14
TCM129C14
TCM29C16
TCM29C17
TCM129C16
TCM129C17
I/O
DESCRIPTION
ANLG GND
16
20
13
Analog ground return for all internal voice circuits. Not internally
connected to DGTL GND.
ANLG IN +
17
21
I
Noninverting analog input to uncommitted transmit operational amplifier.
Internally connected to ANLG GND on TCM129C16, TCM29C16,
TCM129C17, and TCM29C17.
ANLG IN –
18
22
14
I
Inverting analog input to uncommitted transmit operational amplifier.
ANLG LOOP
7
I
Provides loopback test capability. When this input is high, PWRO + is
internally connected to ANLG IN.
CLKR
11
13
9
I
Receive master clock and data clock for the fixed-data-rate mode.
Receive master clock only for variable-data-rate mode. CLKR and CLKX
are internally connected together for TCM129C13, TCM129C16,
TCM129C17, TCM29C13, TCM29C16, and TCM29C17.
CLKSEL
6
6
I
Clock-frequency selection. Input must be connected to VBB, VCC, or
ground to reflect the master-clock frequency. When tied to VBB, CLK is
2.048 MHz. When tied to GND, CLK is 1.544 MHz. When tied to VCC,
CLK is 1.536 MHz.
CLKX
11
14
9
I
Transmit master clock and data clock for the fixed-data-rate mode.
Transmit master clock only for variable-date-rate mode. CLKR and
CLKX are internally connected for the TCM129C13, TCM129C16,
TCM129C17, TCM29C13, TCM29C16, and TCM29C17.
DCLKR
7
9
5
I
Fixed or variable-data-rate operation select. When connected to VBB,
the device operates in the fixed-data-rate mode. When DCLKR is not
connected to VBB, the device operates in the variable-data-rate mode,
and DCLKR becomes the receiver data clock. DCLKR then operates at
frequencies from 64 kHz to 2.048 MHz.
DGTL GND
10
12
8
Digital ground for all internal logic circuits. Not internally connected to
ANLG GND.
FSR/TSRE
9
11
7
I
Frame synchronization clock input/time-slot enable for receive channel.
In the fixed-data-rate mode, FSR distinguishes between signaling and
nonsignaling frames by a double- or single-length pulse, respectively. In
the variable-data-rate mode, this signal must remain high for the duration
of the time slot. The receive channel enters the standby state when FSR
is TTL low for 300 ms.
FSX/TSXE
12
15
10
I
Frame-synchronization clock input/time-slot enable for transmit
channel. Operates independently of, but in an analagous manner to,
FSR/TSRE. The transmit channel enters the standby state when FSX is
low for 300 ms.
GSR
4
4
I
Input to the gain-setting network on the output power amplifier.
Transmission level can be adjusted over a 12-dB range depending on the
voltage at GSR.
GSX
19
23
15
O
Output terminal of internal uncommitted operational amplifier. Internally,
this is the voice signal input to the transmit filter.
PCM IN
8
10
6
I
Receive PCM input. PCM data is clocked in on eight consecutive
negative transitions of the receive data clock, which is CLKR in
fixed-data-rate timing and DCLKR in variable-data-rate timing.
PCM OUT
13
16
11
O
Transmit PCM output. PCM data is clocked out on this output on eight
consecutive positive transitions of the transmit data clock, which is CLKX
in fixed-data-rate timing and DCLKX in variable-data-rate timing.


Numéro de pièce similaire - TCM29C14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM29C14 TI1-TCM29C14 Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C14A TI-TCM29C14A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C14ADW TI-TCM29C14ADW Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C14ADWR TI-TCM29C14ADWR Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C14DWR TI1-TCM29C14DWR Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results

Description similaire - TCM29C14

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com