Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN75ALS181 Datasheet(Fiches technique) 3 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce SN75ALS181
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 3 page
background image
SN75ALS181
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS152B – DECEMBER 1992 – REVISED APRIL 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs
TYPICAL OF RECEIVER INPUT
VCC
NOM
288 k
GND
Input
VCC (A)
or
GND (B)
17 k
NOM
NOM
1.7 k
NOM
1.7 k
EQUIVALENT OF EACH DRIVER INPUT
Input
VCC
35 k
NOM
schematics of outputs
TYPICAL OF DRIVER OUTPUT
TYPICAL OF RECEIVER OUTPUT
Output
VCC
70
NOM
Output
VCC
GND




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor (TI)
ADE7169F16Single-Phase Energy Measurement IC with 8052 MCU RTC and LCD driver 1 2 3 4 5 MoreAnalog Devices
IR2107HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
ADA4922-1High Voltage Differential 18-Bit ADC Driver 1 2 3 4 5 MoreAnalog Devices
AD8134Triple Differential Driver With Sync-On-Common-Mode 1 2 3 4 5 MoreAnalog Devices
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
U2532BIR Transmitter and Receiver 1 2 3 4 5 MoreTEMIC Semiconductors
ISL6327Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing 1 2 3 4 5 MoreIntersil Corporation
AD8143High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl