Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74SSTL16847 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce SN74SSTL16847
Description  20-BIT SSTL_3 INTERFACE BUFFER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTL16847 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74SSTL16847 Datasheet HTML 1Page - Texas Instruments SN74SSTL16847 Datasheet HTML 2Page - Texas Instruments SN74SSTL16847 Datasheet HTML 3Page - Texas Instruments SN74SSTL16847 Datasheet HTML 4Page - Texas Instruments SN74SSTL16847 Datasheet HTML 5Page - Texas Instruments SN74SSTL16847 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74SSTL16847
20-BIT SSTL_3 INTERFACE BUFFER
WITH 3-STATE OUTPUTS
SCBS709A – OCTOBER 1997 – REVISED MAY 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
VDDQ
3.6
V
VDDQ
Output supply voltage
3
3.6
V
VREF
Reference voltage (VREF = 0.45 × VDDQ)
1.3
1.5
1.7
V
VTT
Termination voltage
VREF–50mV
VREF
VREF+50mV
V
VI
Input voltage
0
VCC
V
VIH
AC high-level input voltage
All inputs
VREF+400mV
V
VIL
AC low-level input voltage
All inputs
VREF–400mV
V
VIH
DC high-level input voltage
All inputs
VREF+200mV
V
VIL
DC low-level input voltage
All inputs
VREF–200mV
V
IOH
High-level output current
–20
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
_C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
VIK
II = –18 mA
3 V
–1.2
V
IOH = –100 µA
3 V to 3.6 V
VCC–0.2
VOH
IOH = –16 mA
3V
2.2
V
IOH = –20 mA
3 V
2.1
IOL = 100 µA
3 V to 3.6 V
0.2
VOL
IOL = 16 mA
3V
0.5
V
IOL = 20 mA
3 V
0.55
II
Data inputs, OE
VI = 2.1 V or 0.9 V,
VREF = 1.3 V or 1.7 V
36 V
±5
µA
II
VREF
VREF = 1.3 V or 1.7 V
3.6 V
±150
µA
IOZ
VO = 0.9 V or 2.1 V
3.6 V
±10
µA
ICC
VI = 2.1 V or 0.9 V,
IO = 0
3.6 V
90
mA
Ci
Control inputs
VI =2 1Vor0 9V
33 V
2
pF
Ci
A port
VI = 2.1 V or 0.9 V
3.3 V
2.5
pF
Co
Y port
VO = 2.1 V or 0.9 V
3.3 V
3.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.


Numéro de pièce similaire - SN74SSTL16847

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74SSTL16837 TI-SN74SSTL16837 Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837A TI-SN74SSTL16837A Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16837ADGG TI-SN74SSTL16837ADGG Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
SN74SSTL16857DGG TI-SN74SSTL16857DGG Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
More results

Description similaire - SN74SSTL16847

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74SSTL16837A TI-SN74SSTL16837A Datasheet
93Kb / 6P
[Old version datasheet]   20-BIT SSTL_3 INTERFACE UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16828 TI-SN74ALVC16828 Datasheet
208Kb / 4P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGGR TI-SN74AVC16827DGGR Datasheet
316Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162827 PERICOM-PI74ALVCH162827 Datasheet
330Kb / 4P
   20-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH16827 PERICOM-PI74ALVCH16827 Datasheet
296Kb / 4P
   20-Bit Buffer/Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16827-EP TI1-SN74ALVCH16827-EP Datasheet
286Kb / 12P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI-SN74ALVCH162827 Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827 TI-SN74ALVCH16827 Datasheet
122Kb / 9P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGVR TI-SN74AVC16827DGVR Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI1-SN74ALVCH162827_08 Datasheet
345Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com