Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

93032-0024 Datasheet(Fiches technique) 1 Page - Molex Electronics Ltd.

Numéro de pièce 93032-0024
Description  Compliant Pin Header For Press-Fit Application
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

93032-0024 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  93032-0024 Datasheet HTML 1Page - Molex Electronics Ltd. 93032-0024 Datenblatt HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIIFICATIONS
2.54mm (.100”) Pitch
C-Grid III™
93032
Compliant Pin Header
For Press-Fit Application
C-Grid III family offers a CPI solution for applications that require a press-fit termination
The C-Grid III is a highly versatile 2.54mm (.100") pitch interconnect family. This header
and receptacle system is made up of a wide range of modular components, allowing great
flexibility in electronic circuitry design.
The new 93032 series Dual-Row Compliant-Pin Header offers the familiar benefits of the
C-Grid III family, plus the added advantage of press-fit termination. This eliminates the
need for soldering, while providing a reliable connection to the PCB. It also reduces the
usual quality issues related to wave soldering. Repairs can be carried out easily, saving the
user valuable time and cost. In addition, the ribs on the header shroud provide
reinforcement to the connector during press-fit termination.
This header supplements the extensive line of C-Grid III header products, and can be used in
a wide variety of wire-to-board applications.
The 93032 headers mate with the 90142 and 90143 crimp housings, which are used with
the 90119 crimp terminals.
For more information about the C-Grid III connector family, please visit:
http://www.molex.com/link/cgrid3.html
Features
Benefits
Size 6 to 50 circuits
Allows design flexibility
Press-fit pin
Secures well and maintains retention to PCB
Designed for PCB thicknesses of 2.34mm (.092”) or greater
Positive lock for crimp housing
Reference Information
Packaging: Tray
UL File No.: Pending
CSA File No.: Pending
Mates With: 90142 (C-Grid III™ Crimp Housing),
90143 (C-Grid III™ Crimp Housing)
Designed In: Millimeters
Electrical
Voltage: 350V DC/AC
Current: 3.0A
Contact Resistance: 10 milliohms max.
Dielectric Withstanding Voltage: 1000V
Insulation Resistance: 5000 Megohms min.
Mechanical
Mating Force: Cx1.75+6 = Max allowed Force (N)
(C is the circuit size, 6 is the insertion force of an
empty housing)
Unmating Force: Cx1.25+6 = Max allowed Force (N)
(C is the circuit size, 6 is the insertion force of an
empty housing)
Durability: 200 mating cycles with 90142 series plug
Physical
Housing: 15% Glass Filled P.B.T, UL 94V-0, Black
Contact: 0.64mm square Phosphor Bronze
Plating:
Mating Side — 0.76µm (30µ”) Select Gold
Press Fit Side – Tin
Other plating options available upon request.
PCB Thickness: 2.34mm (.092”) or thicker
Operating Temperature: -40ºC to +105ºC


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn