Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93032-0010 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 93032-0010
Description  Compliant Pin Header For Press-Fit Application
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

93032-0010 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  93032-0010 Datasheet HTML 1Page - Molex Electronics Ltd. 93032-0010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
Visit our Web site at http://www.molex.com
Americas Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
630-969-4550
Markets and Applications
SAP No. 9876502583
©2008, Molex
2.54mm (.100”) Pitch
C-Grid III™
93032
Compliant Pin Header
For Press-Fit Application
Laboratory Devices
Medical Equipment
Measurement Equipment
Personal Computers
Servers
Office Equipment
Industrial Equipment
Vending Machines
Brown Goods
Telecommunication Equipment
-Hubs
-Servers
Description
Order No.
Circuit Size
Plant No. for Samples
2.54mm (.100”) Pitch
C-Grid III Press Fit Compliant Pin Header
93032-0010
10
1399 (APS)
5102 (Europe)
3109 (Americas)
93032-0014
14
93032-0024
24
For other circuit sizes, please contact your local Molex sales representatives


Numéro de pièce similaire - 93032-0010

FabricantNo de pièceFiches techniqueDescription
logo
Peregrine Semiconductor...
9303 PEREGRINE-9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
Bi technologies
9303 BITECH-9303 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Keystone Electronics Co...
9303 KEYSTONE-9303 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9303 HEYCO-9303 Datasheet
152Kb / 2P
   Snap Rivets
logo
Peregrine Semiconductor...
9303-00 PEREGRINE-9303-00 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
More results

Description similaire - 93032-0010

FabricantNo de pièceFiches techniqueDescription
logo
Richco, Inc.
PFP-7-01 RICHCO-PFP-7-01 Datasheet
77Kb / 1P
   PRESS FIT PIN
logo
Molex Electronics Ltd.
63910-7500 MOLEX11-63910-7500 Datasheet
39Kb / 1P
   Tooling Kit for Mini-Fit Compliant Pin Insertion
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-16 JDSU-PL-KP2-00-000-16 Datasheet
687Kb / 8P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage, 2.19 mm Pin Length
logo
Molex Electronics Ltd.
0452801401 MOLEX6-0452801401 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI??Compliant Pin Header
logo
FCI connector
10028542 FCI-CONNECTOR-10028542 Datasheet
151Kb / 2P
   4 LANE VERTICAL PRESS FIT HEADER
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-26 JDSU-PL-KP2-00-000-26 Datasheet
376Kb / 6P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit PCI Compliant SFP Cage
logo
Precid-Dip Durtal SA
546-93-108-12-101-028 PREDIP-546-93-108-12-101-028 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
logo
Dialight Corporation
C-17664 DIALIGHT-C-17664 Datasheet
61Kb / 1P
   .064 STRAIGHT LIGHT PIPE W/PRESS-FIT; RoHS COMPLIANT
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-06 JDSU-PL-KP2-00-000-06 Datasheet
783Kb / 9P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com