Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSHV-UL60HRG4-A0 Fiches technique(PDF) 5 Page - China Semiconductor Corporation

No de pièce CSHV-UL60HRG4-A0
Description  LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSHV-UL60HRG4-A0 Fiches technique(HTML) 5 Page - China Semiconductor Corporation

  CSHV-UL60HRG4-A0 Datasheet HTML 1Page - China Semiconductor Corporation CSHV-UL60HRG4-A0 Datasheet HTML 2Page - China Semiconductor Corporation CSHV-UL60HRG4-A0 Datasheet HTML 3Page - China Semiconductor Corporation CSHV-UL60HRG4-A0 Datasheet HTML 4Page - China Semiconductor Corporation CSHV-UL60HRG4-A0 Datasheet HTML 5Page - China Semiconductor Corporation CSHV-UL60HRG4-A0 Datasheet HTML 6Page - China Semiconductor Corporation CSHV-UL60HRG4-A0 Datasheet HTML 7Page - China Semiconductor Corporation CSHV-UL60HRG4-A0 Datasheet HTML 8Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Typical Electrical / Optical Charateristics Curves -
(Ta = 25
℃ Unless Otherwise Noted)
Page
4/7
PS-0701-004
Model No
:CSHV-UL60HRG4-A0
http://www.csctw.com.tw
E
0.4
0.2
0.0
400
450
1.0
0.8
0.6
Wavelength (nm)
550
500
600
700
650
80
20
0
40
60
140
120
100
160
180
200
Junction Temperature, Tj(
°C)
-20
0
20
40
60
80
100
120
0.6
0.4
0.0
0.2
200
IF - Average Forward Current(mA)
100
0
300
400
1.2
0.8
1.0
300
0.0
50
0
150
100
250
200
VF - Forward Voltage(Volts)
400
350
1.0
2.0
3.0
4.0
5.0
6.0
0
150
100
50
200
250
300
400
350
TA - Ambient Temperature
(°C)
Maximum Forward Current
vs. Ambient Temperature.
Derating based on TJMAX =120
°C
0
20
40
80
60
100
RθJ-A=50℃/W
RθJ-A=40℃/W
RθJ-A=30℃/W
Fig 1. Relative Luminous FLux
vs. Forward Current
Fig 3.
Forward Current
vs. Forward Voltage
Fig 2.
-20
Radiation Angle(Degrees)
-100
0
-80 -60 -40
0.5
1
60
40
20
0
100
80
Relative Light Output
vs. Junction Temperature
Fig 4.
Relative Spectral Power Distribution
vs. Wavelength
Fig 5.
Relative Luminosity
vs. Radiation Angle
Fig 6.
500
450
500
1.4
7.0


Numéro de pièce similaire - CSHV-UL60HRG4-A0

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSHV-UL60YLG4-A0 CHINASEMI-CSHV-UL60YLG4-A0 Datasheet
485Kb / 8P
   LED
More results

Description similaire - CSHV-UL60HRG4-A0

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com