Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ACE-12-1816 Datasheet(Fiches technique) 3 Page - Applied Concepts Inc.

Numéro de pièce ACE-12-1816
Description  CCFL INVERTER
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ACIPOWER [Applied Concepts Inc.]
Site Internet  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACE-12-1816 Datasheet(HTML) 3 Page - Applied Concepts Inc.

  ACE-12-1816 Datenblatt HTML 1Page - Applied Concepts Inc. ACE-12-1816 Datenblatt HTML 2Page - Applied Concepts Inc. ACE-12-1816 Datasheet HTML 3Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ACE-12-1816
PRODUCT DATA SHEET - Page 3 of 3
7/31/2008
397 Route 281 – P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com
GRAPHS
Intensity Dimming Curve
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
1
2
3
4
5
Vcntl (V)
Display Luminance
Duty-Cycle


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LXMG1626-05-665V 10W Dual CCFL Programmable Inverter Module 1 2 3 4 5 MoreMicrosemi Corporation
LXM1643-12-6312V Quad 6W CCFL Programmable Inverter Module 1 2 3 4 5 MoreMicrosemi Corporation
LXMG1617-05-2X5V 2.2W CCFL Programmable Inverter Module 1 2 3 4 5 MoreMicrosemi Corporation
LXMG1623-12-4412V Dual 4W CCFL Programmable Inverter Module 1 2 3 4 5 MoreMicrosemi Corporation
LXMG1643-12-6412V Quad 6W CCFL Programmable Inverter Module 1 2 3 4 5 MoreMicrosemi Corporation
CCFLInverter for CCFL Lamp 1 2 3 4 5 Vishay Siliconix
AC2-12-1470CCFL INVERTER 1 Applied Concepts Inc.
AC3-12-1695CCFL INVERTER 1 2 Applied Concepts Inc.
AC5-12-1077CCFL INVERTER 1 Applied Concepts Inc.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn