Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD-5623V9 Fiches technique(PDF) 2 Page - China Semiconductor Corporation

No de pièce CSD-5623V9
Description  0.56 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5623V9 Fiches technique(HTML) 2 Page - China Semiconductor Corporation

  CSD-5623V9 Datasheet HTML 1Page - China Semiconductor Corporation CSD-5623V9 Datasheet HTML 2Page - China Semiconductor Corporation CSD-5623V9 Datasheet HTML 3Page - China Semiconductor Corporation CSD-5623V9 Datasheet HTML 4Page - China Semiconductor Corporation CSD-5623V9 Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.56 inch (14.2mm) dight height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/4
Part No.
Common Anode
Description
CSD-5622V9
2. Case mold type.
Model No CSD-5622/5623V9
AlGaInP
Super Bright Orange
Material
http://www.csctw.com.tw
PS-ND-08071932
A
Emitted Color
Chip
CSD-5623V9
AlGaInP
Super Bright Orange
Common Cathode


Numéro de pièce similaire - CSD-5623V9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-5623B7 CHINASEMI-CSD-5623B7 Datasheet
171Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5623E CHINASEMI-CSD-5623E Datasheet
175Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5623G CHINASEMI-CSD-5623G Datasheet
173Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5623M9 CHINASEMI-CSD-5623M9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5623S CHINASEMI-CSD-5623S Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
More results

Description similaire - CSD-5623V9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-524M9 CHINASEMI-CSD-524M9 Datasheet
175Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622M9 CHINASEMI-CSD-5622M9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622S CHINASEMI-CSD-5622S Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622T9 CHINASEMI-CSD-5622T9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622A9 CHINASEMI-CSD-5622A9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524B7 CHINASEMI-CSD-524B7 Datasheet
171Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524G CHINASEMI-CSD-524G Datasheet
172Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622B7 CHINASEMI-CSD-5622B7 Datasheet
171Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524V9 CHINASEMI-CSD-524V9 Datasheet
170Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524A9 CHINASEMI-CSD-524A9 Datasheet
175Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622G CHINASEMI-CSD-5622G Datasheet
173Kb / 5P
   0.56 Inch Dual Digits Display
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com