Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD-5423T9 Fiches technique(PDF) 4 Page - China Semiconductor Corporation

No de pièce CSD-5423T9
Description  0.54 Inch Dual Digit Alphanumeric Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5423T9 Fiches technique(HTML) 4 Page - China Semiconductor Corporation

  CSD-5423T9 Datasheet HTML 1Page - China Semiconductor Corporation CSD-5423T9 Datasheet HTML 2Page - China Semiconductor Corporation CSD-5423T9 Datasheet HTML 3Page - China Semiconductor Corporation CSD-5423T9 Datasheet HTML 4Page - China Semiconductor Corporation CSD-5423T9 Datasheet HTML 5Page - China Semiconductor Corporation CSD-5423T9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.6
V
IF=20mA
Iv
-
15
-
mcd
IF=10mA
q
-
592
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2 1
-
IF=20mA
Page
3/5
http://www.csctw.com.tw
A
PS-ND-0712
Model No CSD-5422T9/5423T9
Parameter
Forward Voltage Per
Segment
Luminous Intensity
Per Segment
Reverse Current
Peak Emission
Wavelength
Luminous Intensity
Matching Ratio
Spectrum Radiation
Bandwidth


Numéro de pièce similaire - CSD-5423T9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-5423A9 CHINASEMI-CSD-5423A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5423B7 CHINASEMI-CSD-5423B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5423E CHINASEMI-CSD-5423E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5423G CHINASEMI-CSD-5423G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5423M9 CHINASEMI-CSD-5423M9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
More results

Description similaire - CSD-5423T9

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422M9 CHINASEMI-CSD-5422M9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422V9 CHINASEMI-CSD-5422V9 Datasheet
193Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422S CHINASEMI-CSD-5422S Datasheet
199Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
logo
Kingbright Corporation
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com