Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD-5422S Fiches technique(PDF) 1 Page - China Semiconductor Corporation

No de pièce CSD-5422S
Description  0.54 Inch Dual Digit Alphanumeric Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINASEMI [China Semiconductor Corporation]
Site Internet  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5422S Fiches technique(HTML) 1 Page - China Semiconductor Corporation

  CSD-5422S Datasheet HTML 1Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 2Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 3Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 4Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 5Page - China Semiconductor Corporation CSD-5422S Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
0.54 Inch Dual Digit Alphanumeric Display
Emitting Color Super-Bright Red
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-8623888
Fax:886-2-2223-9377
Fax:86-0575-8623112
CUSTOMER APPROVED
SIGNATURES
http://www.csctw.com.tw
APPROVED BY
CHECKED BY
PS-ND-0712
A
Model No CSD-5422S/CSD-5423S
PREPARED BY


Numéro de pièce similaire - CSD-5422S

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422M9 CHINASEMI-CSD-5422M9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
More results

Description similaire - CSD-5422S

FabricantNo de pièceFiches techniqueDescription
logo
China Semiconductor Cor...
CSD-5422A9 CHINASEMI-CSD-5422A9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422E CHINASEMI-CSD-5422E Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422B7 CHINASEMI-CSD-5422B7 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422T9 CHINASEMI-CSD-5422T9 Datasheet
201Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422G CHINASEMI-CSD-5422G Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422M9 CHINASEMI-CSD-5422M9 Datasheet
176Kb / 5P
   0.54 Inch Dual Digit Alphanumeric Display
CSD-5422V9 CHINASEMI-CSD-5422V9 Datasheet
193Kb / 6P
   0.54 Inch Dual Digit Alphanumeric Display
logo
Kingbright Corporation
PDC54-12GWA KINGBRIGHT-PDC54-12GWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12EWA KINGBRIGHT-PDA54-12EWA Datasheet
130Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PDA54-12SRWA KINGBRIGHT-PDA54-12SRWA Datasheet
128Kb / 4P
   13.8mm (0.54 INCH) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com