Moteur de recherche de fiches techniques de composants électroniques |
|
74LV161284DGGRE4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
74LV161284DGGRE4 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 7 page MECHANICAL DATA MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DL (R-PDSO-G**) PLASTIC SMALL-OUTLINE PACKAGE 4040048 / E 12/01 48 PINS SHOWN 56 0.730 (18,54) 0.720 (18,29) 48 28 0.370 (9,40) (9,65) 0.380 Gage Plane DIM 0.420 (10,67) 0.395 (10,03) A MIN A MAX 0.010 (0,25) PINS ** 0.630 (16,00) (15,75) 0.620 0.010 (0,25) Seating Plane 0.020 (0,51) 0.040 (1,02) 25 24 0.008 (0,203) 0.0135 (0,343) 48 1 0.008 (0,20) MIN A 0.110 (2,79) MAX 0.299 (7,59) 0.291 (7,39) 0.004 (0,10) M 0.005 (0,13) 0.025 (0,635) 0 °–8° 0.005 (0,13) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15). D. Falls within JEDEC MO-118 |
Numéro de pièce similaire - 74LV161284DGGRE4 |
|
Description similaire - 74LV161284DGGRE4 |