Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74527-3006 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 74527-3006
Description  LaneLink??4X Cable Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74527-3006 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  74527-3006 Datasheet HTML 1Page - Molex Electronics Ltd. 74527-3006 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
0.50mm (.020") Pitch
LaneLink™ 4X Cable Assemblies
74527 SAS
74530 SATA I/O
I Server storage applications
- Network Interface Cards (NIC) and Host Bus
Adapters (HBA), routers and servers, storage racks
- Redundant Array of Integrated Discs (RAID) devices
I Industry standard organizations:
- 4X and 12X InfiniBand
- 10 Gigabit Ethernet
- 10 Gigabit Fibre Channel
- T10 SCSI/SAS
- T13 SATA
- SFF Committee
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/io/lanelink.html
Order No. USA-309
Printed in USA/JI/2005.05
©2005 Molex
ORDERING INFORMATION
Complete end-to-end solution available from Molex; controller card to backplane to SAS or SATA drive
SAS Cable Assemblies (74527)
SATA I/O Cable Assemblies (74530)
Order No.
Wire Size
Cable Length
Specification
74527-3001
28 AWG
0.50m (1.64’)
SAS
74527-3002
1.00m (3.28’)
74527-3004
3.00m (9.84’)
74527-3006
26 AWG
5.00m (16.40’)
74527-3008
24 AWG
7.00m (22.97’)
Order No.
Wire Size
Cable Length
Specification
74530-0001
28awg
0.50m (1.64’)
SATA I/O cables
74530-0002
1.00m (3.28’)
74530-0003
3.00m (9.84’)
74530-0004
26awg
5.00m (16.40’)
74530-0005
24awg
7.00m (22.97’)


Numéro de pièce similaire - 74527-3006

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74527-6004 MOLEX-74527-6004 Datasheet
125Kb / 2P
   IPASS 8087 - 8470 CABLE ASSY.
2006/05/19
74527-6005 MOLEX-74527-6005 Datasheet
125Kb / 2P
   IPASS 8087 - 8470 CABLE ASSY.
2006/05/19
More results

Description similaire - 74527-3006

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
74506 MOLEX-74506 Datasheet
100Kb / 2P
   0.50mm (.020?? Pitch LaneLink??4x and 12x Cable Assemblies
74526-1001 MOLEX-74526-1001 Datasheet
346Kb / 2P
   LaneLink??10GBASE-CX4 Cable Assemblies
91803-0411 MOLEX-91803-0411 Datasheet
148Kb / 2P
   LaneLink??4x Receptacle
91803-0410 MOLEX-91803-0410 Datasheet
105Kb / 2P
   LaneLink??4x Latch Receptacle
1110683203 MOLEX-1110683203 Datasheet
330Kb / 4P
   MINISAS HD TO MINISAS 4X CABLE ASSEMBLIES EXTERNAL
2021/06/02
1110681013 MOLEX-1110681013 Datasheet
292Kb / 3P
   MINISAS HD 2.1 4X CABLE ASSEMBLIES EXTERNAL - METAL GASKET
2021/06/02
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com