Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74GTLPH16612DL Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74GTLPH16612DL
Description  18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16612DL Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74GTLPH16612DL Datasheet HTML 3Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 4Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 5Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 6Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 7Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 8Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 9Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 10Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN74GTLPH16612
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SCES326 – MARCH 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.5 V and VREF = 1 V for GTLP (unless otherwise noted) (see Figure 2)
MIN
MAX
UNIT
fclock
Clock frequency
85
MHz
t
Pulse duration
LEAB or LEBA high
3.3
ns
tw
Pulse duration
CLKAB or CLKBA high or low
5.7
ns
A before CLKAB
1
B before CLKBA
1.8
t
Setup time
A before LEAB
0.5
ns
tsu
Setup time
B before LEBA
1.2
ns
CEAB before CLKAB
1.2
CEBA before CLKBA
1.4
A after CLKAB
1.9
B after CLKBA
0.5
th
Hold time
A after LEAB
2.7
ns
th
Hold time
B after LEBA
3.5
ns
CEAB after CLKAB
1.2
CEBA after CLKBA
1.1
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.5 V and VREF = 1 V for GTLP (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP†
MAX
UNIT
fmax
85
MHz
A
2.5
6.9
tpd
LEAB
B
3.2
7.3
ns
CLKAB
3.4
7.8
ten
OEAB
B
2.8
7
ns
tdis
OEAB
B
2.8
7
ns
tr
Transition time, B outputs (20% to 80%)
2.6
ns
tf
Transition time, B outputs (80% to 20%)
2.6
ns
B
1.5
5.7
tpd
LEBA
A
1.8
5.7
ns
CLKBA
2.3
5.5
ten
OEBA
A
1.8
6.1
ns
tdis
OEBA
A
1.8
6.1
ns
† All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.


Numéro de pièce similaire - SN74GTLPH16612DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1612DGGR TI-SN74GTLPH1612DGGR Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH1616DGGR TI1-SN74GTLPH1616DGGR Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results

Description similaire - SN74GTLPH16612DL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com