Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74FB2041ARC Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce SN74FB2041ARC
Description  7-BIT TTL/BTL TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2041ARC Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74FB2041ARC Datasheet HTML 2Page - Texas Instruments SN74FB2041ARC Datasheet HTML 3Page - Texas Instruments SN74FB2041ARC Datasheet HTML 4Page - Texas Instruments SN74FB2041ARC Datasheet HTML 5Page - Texas Instruments SN74FB2041ARC Datasheet HTML 6Page - Texas Instruments SN74FB2041ARC Datasheet HTML 7Page - Texas Instruments SN74FB2041ARC Datasheet HTML 8Page - Texas Instruments SN74FB2041ARC Datasheet HTML 9Page - Texas Instruments SN74FB2041ARC Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MQFP003 – OCTOBER 1994
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RC (S-PQFP-G52)
PLASTIC QUAD FLATPACK
4040151 / B 03/95
26
14
0,16 NOM
0,25
1,03
0,73
0,05 MIN
Gage Plane
27
0,22
13
39
1
7,80 TYP
0,38
40
52
SQ
SQ
9,80
2,20
1,80
10,20
12,95
13,45
2,45 MAX
0,65
M
0,13
Seating Plane
0,10
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-022


Numéro de pièce similaire - SN74FB2041ARC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RC TI-SN74FB2040RC Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RCG3 TI-SN74FB2040RCG3 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RCR TI-SN74FB2040RCR Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2040RCRG3N TI-SN74FB2040RCRG3N Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
More results

Description similaire - SN74FB2041ARC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
   3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com