Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74FB1650PCAG4 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce SN74FB1650PCAG4
Description  18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74FB1650PCAG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74FB1650PCAG4 Datasheet HTML 2Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 3Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 4Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 5Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 6Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 7Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 8Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 9Page - Texas Instruments SN74FB1650PCAG4 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MHTQ003A – JANUARY 1995 – REVISED DECEMBER 1996
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PCA (S-PQFP-G100)
PLASTIC QUAD FLATPACK (DIE DOWN)
4040288 / B 10/96
50
Heat Slug
26
Gage Plane
0,13 NOM
0,25
0,45
0,75
Seating Plane
0,05 MIN
0,27
51
25
75
1
12,00 TYP
0,17
76
100
SQ
SQ
15,80
16,20
13,80
1,60 MAX
1,45
1,35
14,20
0,08
0,50
M
0,08
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Thermally enhanced molded plastic package with a heat slug (HSL)
D. Falls within JEDEC MS-026


Numéro de pièce similaire - SN74FB1650PCAG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651PCA TI-SN74FB1651PCA Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651PCA TI-SN74FB1651PCA Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651_06 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
More results

Description similaire - SN74FB1650PCAG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651_06 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
logo
Integrated Device Techn...
IDT74GTLP16612 IDT-IDT74GTLP16612 Datasheet
74Kb / 8P
   CMOS 18-BIT TTL/GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16612 FAIRCHILD-GTLP16612 Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74FB1653 TI-SN74FB1653 Datasheet
201Kb / 12P
[Old version datasheet]   17-BIT LVTTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com