Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AND4310 Fiches technique(PDF) 2 Page - Purdy Electronics Corporation

No de pièce AND4310
Description  LED Displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PURDY [Purdy Electronics Corporation]
Site Internet  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4310 Fiches technique(HTML) 2 Page - Purdy Electronics Corporation

  AND4310 Datasheet HTML 1Page - Purdy Electronics Corporation AND4310 Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND-4310 Series
GaAsP/GaP–Red; GaP–Green
LED Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
7/18/07
AND-4310 Series Pin Connection Table
AND-4310 SAL/GAL
AND-4310 SCL/GCL
Pin
Connection
Pin
Connection
Pin
Connection
Pin
Connection
1
Cathode A
8
Cathode D
1
Anode A
8
Anode D
2
Cathode F
9
Cathode RHDP
2
Anode F
9
Anode RHDP
3
Common Anode
10
Cathode C
3
Common Cathode
10
Anode C
4
No Pin
11
Cathode G
4
No Pin
11
Anode G
5
No Pin
12
No Pin
5
No Pin
12
No Pin
6
Cathode LHDP
13
Cathode B
6
Anode LHDP
13
Anode B
7
Cathode E
14
Common Anode
7
Anode E
14
Common Cathode
IFMAX/Seg vs. TA
Ambient Temperature TA (°C)
20
0
0
12
6
18
36
30
24
40
60
80
100
Direct
Current
Forward Voltage (V)
1.8
1.6
1
5
4
3
2
50
40
30
20
10
2.0
2.2
2.4
2.6
IF/Seg vs. VF
TA = 25°C
Case Temperature TC (°C)
0
-20
0.3
0.4
0.5
3
2
1
20
40
60
80
100
IV vs. TC
0.5
Red
Green
3.0
1.0
10
5.0
IV/Seg vs. IF/Seg
TA = 25°C
Forward Current IF/Seg (mA)
2
13
4
5
7
20
10
30


Numéro de pièce similaire - AND4310

FabricantNo de pièceFiches techniqueDescription
logo
Purdy Electronics Corpo...
AND410HB PURDY-AND410HB Datasheet
56Kb / 2P
   Ultra Bright LED Lamps
AND412HG PURDY-AND412HG Datasheet
56Kb / 2P
   Ultra Bright LED Lamps
AND420HWA PURDY-AND420HWA Datasheet
99Kb / 2P
   Ultra Bright LED Lamps
AND420HWB PURDY-AND420HWB Datasheet
98Kb / 2P
   Ultra Bright LED Lamps
AND471GST PURDY-AND471GST Datasheet
72Kb / 2P
   Intelligent Character Display
More results

Description similaire - AND4310

FabricantNo de pièceFiches techniqueDescription
logo
Purdy Electronics Corpo...
AND5610 PURDY-AND5610 Datasheet
48Kb / 2P
   LED Displays
AND1510 PURDY-AND1510 Datasheet
53Kb / 2P
   LED Displays
AND8010-B PURDY-AND8010-B Datasheet
50Kb / 2P
   LED Displays
AND5420 PURDY-AND5420 Datasheet
50Kb / 2P
   LED Displays
AND8010 PURDY-AND8010 Datasheet
50Kb / 2P
   LED Displays
logo
Rohm
LUM ROHM-LUM Datasheet
175Kb / 3P
   LED displays
logo
Purdy Electronics Corpo...
AND2307 PURDY-AND2307 Datasheet
57Kb / 2P
   LED Displays
logo
List of Unclassifed Man...
BS-AA21 ETC-BS-AA21 Datasheet
215Kb / 2P
   SINGLEDIGIT LED DISPLAYS
logo
Micro Electronics
MG457A MICRO-ELECTRONICS-MG457A Datasheet
127Kb / 2P
   GREEN LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com