Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N25 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce 4N25
Description  6-Pin DIP Optoisolators Transistor Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

4N25 Fiches technique(HTML) 3 Page - Motorola, Inc

  4N25 Datasheet HTML 1Page - Motorola, Inc 4N25 Datasheet HTML 2Page - Motorola, Inc 4N25 Datasheet HTML 3Page - Motorola, Inc 4N25 Datasheet HTML 4Page - Motorola, Inc 4N25 Datasheet HTML 5Page - Motorola, Inc 4N25 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4N25 4N25A 4N26 4N27 4N28
3
Motorola Optoelectronics Device Data
TYPICAL CHARACTERISTICS
Figure 1. LED Forward Voltage versus Forward Current
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
10
1
0.1
0.01
0.5
1
IF, LED FORWARD CURRENT (mA)
2
5
10
20
50
IF, LED INPUT CURRENT (mA)
25
°C
100
°C
TA = –55°C
NORMALIZED TO:
IF = 10 mA
Figure 2. Output Current versus Input Current
PULSE ONLY
PULSE OR DC
10
7
5
2
1
0.7
0.5
0.2
0.1
–60
–40
–20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
1
10
100
0.1
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
100
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
10
20
50
100
IF, LED INPUT CURRENT (mA)
VCE = 30 V
10 V
tf
tr
tr
tf
0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
4
8
12
16
20
24
28
5 mA
2 mA
1 mA
0
1
2
3
4
5
6
7
8
9
10
Figure 3. Collector Current versus
Collector–Emitter Voltage
Figure 4. Output Current versus Ambient Temperature
Figure 5. Dark Current versus Ambient Temperature
Figure 6. Rise and Fall Times
(Typical Values)
IF = 10 mA
NORMALIZED TO TA = 25°C
NORMALIZED TO:
VCE = 10 V
TA = 25°C
VCC = 10 V
RL = 1000
RL = 100
{
{


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn