Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBT1G384DCK Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74CBT1G384DCK
Description  SINGLE FET BUS SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT1G384DCK Fiches technique(HTML) 2 Page - Texas Instruments

  SN74CBT1G384DCK Datasheet HTML 1Page - Texas Instruments SN74CBT1G384DCK Datasheet HTML 2Page - Texas Instruments SN74CBT1G384DCK Datasheet HTML 3Page - Texas Instruments SN74CBT1G384DCK Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SN74CBT1G384
SINGLE FET BUS SWITCH
SCDS065B – JULY 1998 – REVISED JANUARY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI/O < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DBV package
347
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DCK package
389
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
II
VCC = 5.5 V,
VI = 5.5 V or GND
±1
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
1
µA
Ci
Control input
VI = 3 V or 0
3
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC
4
pF
§
VCC = 4 V,
TYP at VCC = 4 V,
VI = 2.4 V,
II = 15 mA
14
20
r
§
VI =0
II = 64 mA
5
7
ron§
VCC = 4.5 V
VI = 0
II = 30 mA
5
7
VI = 2.4 V,
II = 15 mA
10
15
‡ All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
§ Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is determined
by the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4 V
VCC = 5 V
± 0.5 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd¶
A or B
B or A
0.35
0.25
ns
ten
OE
A or B
5.5
1.6
4.9
ns
tdis
OE
A or B
4.5
1
4.2
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Numéro de pièce similaire - SN74CBT1G384DCK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT1G384DCKR TI-SN74CBT1G384DCKR Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DCKR TI-SN74CBT1G384DCKR Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DCKT TI-SN74CBT1G384DCKT Datasheet
636Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DCKT TI-SN74CBT1G384DCKT Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DCKT TI-SN74CBT1G384DCKT Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results

Description similaire - SN74CBT1G384DCK

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385 Datasheet
189Kb / 5P
   SINGLE FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125_15 Datasheet
162Kb / 7P
   Single FET Bus Switch
HD74CBT1G126 RENESAS-HD74CBT1G126_15 Datasheet
156Kb / 7P
   Single FET Bus Switch
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385_15 Datasheet
210Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G384DBVR TI-SN74CBT1G384DBVR Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G125DBVR TI1-SN74CBT1G125DBVR Datasheet
851Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G384 UTC-U74CBT1G384 Datasheet
171Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G66 TI-SN74CBT1G66 Datasheet
84Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com