Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74BCT2245 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74BCT2245
Description  OCTAL TRANSCEIVER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2245 Fiches technique(HTML) 5 Page - Texas Instruments

  SN74BCT2245 Datasheet HTML 1Page - Texas Instruments SN74BCT2245 Datasheet HTML 2Page - Texas Instruments SN74BCT2245 Datasheet HTML 3Page - Texas Instruments SN74BCT2245 Datasheet HTML 4Page - Texas Instruments SN74BCT2245 Datasheet HTML 5Page - Texas Instruments SN74BCT2245 Datasheet HTML 6Page - Texas Instruments SN74BCT2245 Datasheet HTML 7Page - Texas Instruments SN74BCT2245 Datasheet HTML 8Page - Texas Instruments SN74BCT2245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN74BCT2245
OCTAL TRANSCEIVER AND LINE/MOS DRIVER
WITH 3-STATE OUTPUTS
SCBS102C – FEBRUARY 1992 – REVISED MARCH 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, tr = tf ≤ 2.5 ns, duty cycle = 50%.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one transition per measurement.
E. When measuring propagation delay times of 3-state outputs, switch S1 is open.
F. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
Test
Point
R1
CL
(see Note A)
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
LOAD CIRCUIT FOR
3-STATE AND OPEN-COLLECTOR OUTPUTS
R1
S1
7 V (tPZL, tPLZ, O.C.)
Open
(all others)
From Output
Under Test
Test
Point
R2
CL
(see Note A)
RL = R1 = R2
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing Input
(see Note B)
Data Input
(see Note B)
1.5 V
1.5 V
3 V
3 V
0 V
0 V
High-Level
Pulse
(see Note B)
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATION
1.5 V
1.5 V
tPHL
tPLH
tPLH
tPHL
Input
(see Note B)
Out-of-Phase
Output
(see Note D)
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
VOL
VOH
VOH
VOL
In-Phase
Output
(see Note D)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (see Note D)
tPHZ
tPLZ
0.3 V
tPZL
tPZH
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
Output
Control
(low-level enable)
Waveform 1
(see Notes C and D)
Waveform 2
(see Notes C and D)
0 V
VOH
VOL
3.5 V
0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
Figure 1. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - SN74BCT2245

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74BCT2240 TI-SN74BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240 TI1-SN74BCT2240 Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240DB TI-SN74BCT2240DB Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240DBLE TI1-SN74BCT2240DBLE Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240DBR TI1-SN74BCT2240DBR Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74BCT2245

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS2541 TI-SN74ALS2541 Datasheet
78Kb / 5P
[Old version datasheet]   OCTAL LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
SN74BCT2241 TI-SN74BCT2241_07 Datasheet
369Kb / 12P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN74BCT2241 TI-SN74BCT2241 Datasheet
326Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2240 TI1-SN64BCT2240 Datasheet
88Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN74ALS2240 TI-SN74ALS2240 Datasheet
82Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2241 TI1-SN64BCT2241 Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2244 TI1-SN64BCT2244 Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN54ALS2540 TI-SN54ALS2540 Datasheet
135Kb / 5P
[Old version datasheet]   OCTAL LINE DRIVER/MOS DRIVEERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com