Moteur de recherche de fiches techniques de composants électroniques |
|
C-13-14-F04-PD-SSTH Fiches technique(PDF) 2 Page - Source Photonics, Inc. |
|
C-13-14-F04-PD-SSTH Fiches technique(HTML) 2 Page - Source Photonics, Inc. |
2 / 4 page 2 1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module C-13/14-FXX-PX-SXXX/XXX-XX 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS1545-FEB0906 rev. A.0 LUMINENTOIC.COM Parameter Symbol Min Typical Max Unit Test Condition Power Supply Vcc 3.0 3.3 3.6 V F02 - - 1000 Differential Output Voltage Vd F04 - 260 450 mV F06 185 250 415 F02 - - 35 Supply Current (no load) Icc F04 - 21 30 mA F06 - 26 50 DC Electrical Characteristics( Tc=25ºC) Detector λ=1480-1500nm Parameter Symbol Min Typical Max Unit Test Condition Detection Range 1480 - 1500 nm - F02 52 - 70 Measure differentially, AC coupled, RL=50Ω Gain @ 10 Mbps Differential G F04 6 7 - V/mW Measure differentially, AC coupled, RL=50Ω F06 1.92 2.5 3.4 Measure differentially with 30uAp-p signal F02 120 140 - Bandwidth BW F04 404 470 - MHz F06 700 920 1100 F02 -3 0 - BER<10-10 @155Mbps PRBS 223-1,Er=10dB Saturation Power Psat F04 -7 -6 - dBm BER<10-10 @622Mbps PRBS 223-1,Er=10dB F06 -3 - - BER<10-12 @1.25Gbps PRBS 27-1,Er=10dB F02 - -38 -35 BER<10-10 @155Mbps PRBS 223-1,Er=10dB Sensitivity Sens. F04 - -33 -30 dBm BER<10-10 @622Mbps PRBS 223-1,Er=10dB F06 - -26 -23 BER<10-12 @1.25Gbps PRBS 27-1,Er=10dB F02 - 50 - Output Resistance Rout F04 48 50 52 ohm F06 48 50 62 AC/Optical and Electrical Characteristics( Tc=25ºC) |
Numéro de pièce similaire - C-13-14-F04-PD-SSTH |
|
Description similaire - C-13-14-F04-PD-SSTH |