Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS4374BN Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce SN74AS4374BN
Description  OCTAL EDGE-TRIGGERED D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AS4374BN Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AS4374BN Datasheet HTML 1Page - Texas Instruments SN74AS4374BN Datasheet HTML 2Page - Texas Instruments SN74AS4374BN Datasheet HTML 3Page - Texas Instruments SN74AS4374BN Datasheet HTML 4Page - Texas Instruments SN74AS4374BN Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN74AS4374B
OCTAL EDGE-TRIGGERED D-TYPE DUAL-RANK FLIP-FLOP
WITH 3-STATE OUTPUTS
SDAS109D – APRIL 1989 – REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
V
VOH
VCC =4 5V
IOH = – 3 mA
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = – 15 mA
2
V
VOL
VCC =4 5V
IOL = 32 mA
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 48 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.2
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC = 5.5 V,
OE high
100
150
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
MIN
MAX
UNIT
fclock
Clock frequency
0
125
MHz
tw
Pulse duration, CLK high or low
4
ns
tsu
Setup time, data before CLK
4
ns
th
Hold time, data after CLK
1
ns
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX§
UNIT
MIN
MAX
fmax
125
MHz
tPLH
CLK
Q
2
8
ns
tPHL
CLK
Q
2
8
ns
tPZH
OE
Q
1.5
6
ns
tPZL
OE
Q
2.5
8
ns
tPHZ
OE
Q
2
6.5
ns
tPLZ
OE
Q
2.5
7
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Numéro de pièce similaire - SN74AS4374BN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS TI-SN74AS Datasheet
5Mb / 794P
[Old version datasheet]   Pocket Data Book
SN74AS00 TI-SN74AS00 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AS00 TI1-SN74AS00 Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AS00D TI-SN74AS00D Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AS00D TI1-SN74AS00D Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Description similaire - SN74AS4374BN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AC11478 TI1-74AC11478 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL DUAL-RANK D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374AT TI1-SN74LV374AT Datasheet
874Kb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS576A FAIRCHILD-DM74ALS576A_04 Datasheet
73Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com