Moteur de recherche de fiches techniques de composants électroniques |
|
C-129-2500C-FDFB-SLC4 Fiches technique(PDF) 6 Page - Source Photonics, Inc. |
|
C-129-2500C-FDFB-SLC4 Fiches technique(HTML) 6 Page - Source Photonics, Inc. |
6 / 10 page 6 2.5 Gbps Single Mode SFF LC Transceiver C-1XX-2500(C)-FDFB-SLCX 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS851-Jul2005 rev. A.0 LUMINENTOIC.COM Power Coupling A suggested layout for power and ground connections is given in figure 4B below. Connections are made via separate voltage and ground planes. The mounting posts are at case ground and should not be connected to circuit ground. The mounting posts are at case ground and should not be connected to circuit ground. The ferrite bead should provide a real impedance of 50 to 100 ohms at 100 to 1000 MHz. Bypass capacitors should be placed as close to the 10-pin connector as possible. Figure 4A: Suggested Power Coupling-Electrical Schematic TOP VIEW VALUES: C1, C2 = 1000pF, C3, = 0.1uF C4, = 10uF, L1, L2 = Real impedance of 50 to 100 Ohms to 1000MHz. LEHEND: CIRCUIT GROUND PLANE CONNECTION CASE GROUND Vcc PLANE CONNECTION NOTE : 1.) Components shown ore placed on the bottom layer and are viewed through the board. C1 L2 C3 C4 L1 C2 Figure 4B: Suggested Power Coupling-Component Placement |
Numéro de pièce similaire - C-129-2500C-FDFB-SLC4 |
|
Description similaire - C-129-2500C-FDFB-SLC4 |