Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B-15-13-1250C-F-SSCAG5 Fiches technique(PDF) 1 Page - Source Photonics, Inc.

No de pièce B-15-13-1250C-F-SSCAG5
Description  1.25 Gbps bi-directional SC Receptacle single Fiber Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOURCE [Source Photonics, Inc.]
Site Internet  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-15-13-1250C-F-SSCAG5 Fiches technique(HTML) 1 Page - Source Photonics, Inc.

  B-15-13-1250C-F-SSCAG5 Datasheet HTML 1Page - Source Photonics, Inc. B-15-13-1250C-F-SSCAG5 Datasheet HTML 2Page - Source Photonics, Inc. B-15-13-1250C-F-SSCAG5 Datasheet HTML 3Page - Source Photonics, Inc. B-15-13-1250C-F-SSCAG5 Datasheet HTML 4Page - Source Photonics, Inc. B-15-13-1250C-F-SSCAG5 Datasheet HTML 5Page - Source Photonics, Inc. B-15-13-1250C-F-SSCAG5 Datasheet HTML 6Page - Source Photonics, Inc. B-15-13-1250C-F-SSCAG5 Datasheet HTML 7Page - Source Photonics, Inc. B-15-13-1250C-F-SSCAG5 Datasheet HTML 8Page - Source Photonics, Inc. B-15-13-1250C-F-SSCAG5 Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
1.25 Gbps bi-directional SC Receptacle
single Fiber Transceiver
B-1X/1X-1250C-F(DFB)-SSCx
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
LUMNDS796-Jan2407
Rev. A.3
Features
• Single Mode Single Fiber 2x5 SFF SC Receptacle connector
• Gigabit Ethernet Compliant
• Single +3.3V Power Supply
• Tx 1310nm/Rx 1550 nm [B-13/15-1250C-F(DFB)-SSCx]
• Tx 1550nm/Rx 1310 nm [B-15/13-1250C-F(DFB)-SSCx]
• LVPECL Differential Inputs and Outputs
• LVTTL Signal Detection Output
• Class 1 Laser Int. Safety Standard IEC-825 Compliant
• EMI Shielding Finger Optional
• RoHS compliance available
Parameter
Symbol
Min.
Max.
Unit
Note
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
-
0
Vcc
V
Output Current
Iout
-
30
mA
Soldering Temperature
-
-
260
ºC
10 seconds on leads only
Storage Temperature
Tstg
-40
85
ºC
Absolute Maximum Rating
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Temperature (-SSCx(S))
Topr
-5
-
70
ºC
Operating Temperature (-SSCxA(S))
Topr
-40
-
85
ºC
Data Rate
-
-
1250
-
Mbps
Recommended Operating Condition


Numéro de pièce similaire - B-15-13-1250C-F-SSCAG5

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5-G5 SOURCE-B-15-13-155-FDFB-SSC5-G5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5S SOURCE-B-15-13-155-FDFB-SSC5S Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-FDFB-SSC5S-G5 SOURCE-B-15-13-155-FDFB-SSC5S-G5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-15-13-155-T-SFC5 SOURCE-B-15-13-155-T-SFC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

Description similaire - B-15-13-1250C-F-SSCAG5

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
B-13-14-1250-T-SSC-G5 SOURCE-B-13-14-1250-T-SSC-G5 Datasheet
589Kb / 7P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-15-1250-T-SSC2A SOURCE-B-13-15-1250-T-SSC2A Datasheet
558Kb / 6P
   1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver
B-13-1250-TPM3-SSC-60 SOURCE-B-13-1250-TPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM-SSC-60 SOURCE-B-15-1250-TDPM-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-1250-TDPM3-SSC-60 SOURCE-B-15-1250-TDPM3-SSC-60 Datasheet
1Mb / 6P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-13-1250-TPM-S SOURCE-B-13-1250-TPM-S Datasheet
958Kb / 5P
   1.25 Gbps Bi-directional Single Fiber Transceiver
B-15-13-155-T-SSC4 SOURCE-B-15-13-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
logo
Source Photonics, Inc.
B-15-13-155-FDFB-SSC5 SOURCE-B-15-13-155-FDFB-SSC5 Datasheet
697Kb / 9P
   155 Mbps bi-directional SC Receptacle Single Fiber Transceiver
B-13-15-155-T-SSC4 SOURCE-B-13-15-155-T-SSC4 Datasheet
944Kb / 6P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com