Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B-13-15-622-TPM3-SMU4A-60 Fiches technique(PDF) 3 Page - Source Photonics, Inc.

No de pièce B-13-15-622-TPM3-SMU4A-60
Description  622 Mbps Bi-directional Single Fiber Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOURCE [Source Photonics, Inc.]
Site Internet  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-15-622-TPM3-SMU4A-60 Fiches technique(HTML) 3 Page - Source Photonics, Inc.

  B-13-15-622-TPM3-SMU4A-60 Datasheet HTML 1Page - Source Photonics, Inc. B-13-15-622-TPM3-SMU4A-60 Datasheet HTML 2Page - Source Photonics, Inc. B-13-15-622-TPM3-SMU4A-60 Datasheet HTML 3Page - Source Photonics, Inc. B-13-15-622-TPM3-SMU4A-60 Datasheet HTML 4Page - Source Photonics, Inc. B-13-15-622-TPM3-SMU4A-60 Datasheet HTML 5Page - Source Photonics, Inc. B-13-15-622-TPM3-SMU4A-60 Datasheet HTML 6Page - Source Photonics, Inc. B-13-15-622-TPM3-SMU4A-60 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
622 Mbps Bi-directional Single Fiber Transceiver
B-13/15-622-TPM(3)-SXX4(A)-60
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS830-Jul2105
rev. A.1
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Sensitivity
-
-
-
-28
dBm
Measured with 223-1 PRBS with 72 ones and
72 zeros. (ITU-T recommendation G.958)
Maximum Input Power
Pin
-3
-
-
dBm
Signal Detect-Asserted
Pa
-
-
-28
dBm
Measured on transition: low to high
Signal Detect-Deasserted
Pd
-40
-
-
dBm
Measured on transition: high to low
Signal Detect-Hysteresis
-
3.0
-
dB
Cross Talk
-
-
-
-33
dB
Wavelength of Operation
1480
-
1600
nm
Receiver Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Power Supply Current
ICC
-
-
100
mA
The current excludes the output load current
Data Output Voltage-Low
VOL -Vcc
-1.9
-
-1.6
V
These outputs are compatible with 10K,
10KH and 100KECL and PECL outputs.
Data Output Voltage-High
VOH- Vcc
-1.1
-
-0.8
V
Signal Detect Output Voltage-Low
VSDL-Vcc
-1.9
-
-1.6
V
Signal Detect Output Voltage-High VSDH- Vcc
-1.1
-
-0.8
V
Receiver Specifications


Numéro de pièce similaire - B-13-15-622-TPM3-SMU4A-60

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
B-13-15-622-TPM3-SFC-60 SOURCE-B-13-15-622-TPM3-SFC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM3-SSC-60 SOURCE-B-13-15-622-TPM3-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM3-SST-60 SOURCE-B-13-15-622-TPM3-SST-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
More results

Description similaire - B-13-15-622-TPM3-SMU4A-60

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
B-13-15-622-TDFB-SSC SOURCE-B-13-15-622-TDFB-SSC Datasheet
1Mb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SSC-60 SOURCE-B-13-15-622-TPM-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-15-622-TDPM-SSC-60 SOURCE-B-15-622-TDPM-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-15-622-TDPM-SSC4-60 SOURCE-B-15-622-TDPM-SSC4-60 Datasheet
614Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com