Moteur de recherche de fiches techniques de composants électroniques |
|
2N5555 Fiches technique(PDF) 2 Page - Motorola, Inc |
|
2N5555 Fiches technique(HTML) 2 Page - Motorola, Inc |
2 / 8 page 2N5555 2 Motorola Small–Signal Transistors, FETs and Diodes Device Data Figure 1. Switching Times Test Circuit PULSE GENERATOR (50 OHMS) 50 OHM COAXIAL CABLE 1.0 k 50 1.0 k 10 k VDD 50 OHM COAXIAL CABLE TEKTRONIX 567 SAMPLING SCOPE Rin = 50 OHMS INPUT PULSE RISE TIME < 1.0 ns FALL TIME < 1.0 ns NOMINAL VALUE OF “ON” PULSE WIDTH = 400 ns DUTY CYCLE ≤ 1.0% GENERATOR SOURCE IMPEDANCE = 50 OHMS VGS(on) VGS(off) INPUT PULSE FALL TIME INPUT PULSE RISE TIME PULSE WIDTH 90% 90% 50% 10% 50% 10% td(on) td(off) 10% 90% 10% 90% tr tf OUTPUT INPUT POWER GAIN 2.0 ID, DRAIN CURRENT (mA) Figure 2. Effects of Drain Current 4.0 24 8.0 12 16 20 0 4.0 6.0 8.0 10 12 14 f = 100 MHz 400 MHz Tchannel = 25°C VDS = 15 Vdc VGS = 0 V Figure 3. 100 MHz and 400 MHz Neutralized Test Circuit *L1 17 turns, (approx. — depends upon circuit layout) AWG #28 enameled copper wire, close wound on 9/32 ″ ceramic coil form. Tuning provided by a powdered iron slug. *L2 4–1/2 turns, AWG #18 enameled copper wire, 5/16 ″ long, 3/8 ″ I.D. (AIR CORE). *L3 3–1/2 turns, AWG #18 enameled copper wire, 1/4 ″ long, 3/8 ″ I.D. (AIR CORE). **L1 6 turns, (approx. — depends upon circuit layout) AWG #24 enameled copper wire, close wound on 7/32 ″ ceramic coil form. Tuning provided by an aluminum slug. **L2 1 turn, AWG #16 enameled copper wire, 3/8 ″ I.D. (AIR CORE). **L3 1/2 turn, AWG #16 enameled copper wire, 1/4 ″ I.D. (AIR CORE). Adjust VGS for ID = 50 mA VGS < 0 Volts NOTE: The noise source is a hot–cold body (AIL type 70 or equivalent) with a test receiver (AIL type 136 or equivalent). Reference Designation VALUE 100 MHz 400 MHz C1 7.0 pF 1.8 pF C2 1000 pF 17 pF C3 3.0 pF 1.0 pF C4 1–12 pF 0.8–8.0 pF C5 1–12 pF 0.8–8.0 pF C6 0.0015 µF 0.001 µF C7 0.0015 µF 0.001 µF L1 3.0 µH* 0.2 µH** L2 0.15 µH* 0.03 µH** L3 0.14 µH* 0.022 µH** INPUT TO 50 Ω SOURCE NEUTRALIZING COIL L1 C5 L3 Rg′ C1 C6 C4 L2 C3 TO 500 Ω LOAD CASE C7 COMMON ID = 5.0 mA VGS VDS +15 V C2 |
Numéro de pièce similaire - 2N5555 |
|
Description similaire - 2N5555 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |