Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C-13-155-T-SSC7B Fiches technique(PDF) 2 Page - Source Photonics, Inc.

No de pièce C-13-155-T-SSC7B
Description  155 Mbps Single Mode Transceiver (Long-Reach)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOURCE [Source Photonics, Inc.]
Site Internet  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T-SSC7B Fiches technique(HTML) 2 Page - Source Photonics, Inc.

  C-13-155-T-SSC7B Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T-SSC7B Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T-SSC7B Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T-SSC7B Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T-SSC7B Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T-SSC7B Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
155 Mbps Single Mode Transceiver
(Long-Reach)
C-13-155(C)-T(3)-SSC7(9)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Power Supply Current
ICC
-
-
200
mA
Maximum current is specified at Vcc= Maximum @
maximum temperature
Data Input Current-Low
IIL
-350
-
-
µA
Data Input Current-High
IIH
-
-
350
µA
Differential Input Voltage
VIH-VIL
300
-
-
mV
Data Input Voltage-Low
VIL-VCC
-2.0
-
-1.58
V
These inputs are compatible with 10K, 10KH and
100K ECL and PECL inputs
Data Input Voltage-High
VIH-VCC
-1.1
-
-0.74
V
Transmitter Specifications, (-40<Topr<85ºC, 4.75V<VCC<5.25V)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Optical
Sensitivity
-
-
-
-37
dBm
measured with 223-1 PRBS with 72 ones
and 72 zeros.
Maximum Input Power
Pin
0
-
-
dBm
Signal Detect-Asserted
Pa
-
-
-37
dBm
Measured on transition: low to high
Signal Detect-Deasserted
Pd
-48
-
-
dBm
Measured on transition: high to low
Signal Detect-Hysteresis
1.0
-
4.0
dB
Wavelength of Operation
1100
-
1600
nm
Receiver Specifications, (-40<Topr<85ºC, 4.75V<VCC<5.25V)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Electrical
Power Supply Current
ICC
-
-
100
mA
The current excludes the output load current
Data Input Voltage-Low
VOL -Vcc
-2
-
-1.58
V
These outputs are compatible with 10K,
10KH and 100K ECL and PECL outputs.
Data Input Voltage-High
VOH- Vcc
-1.1
-
-0.74
V
Signal Detect Output Voltage-Low
VSDL-Vcc
-2
-
-1.58
V
Signal Detect Output Voltage-High
VSDH- Vcc
-1.1
-
-0.74
V
Receiver Specifications, (-40<Topr<85ºC, 4.75V<VCC<5.25V)


Numéro de pièce similaire - C-13-155-T-SSC7B

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
C-13-155-T-SSC7B SOURCE-C-13-155-T-SSC7B Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC7B-G5 SOURCE-C-13-155-T-SSC7B-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
More results

Description similaire - C-13-155-T-SSC7B

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com