Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVCH162831 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74ALVCH162831
Description  1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162831 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74ALVCH162831 Datasheet HTML 1Page - Texas Instruments SN74ALVCH162831 Datasheet HTML 2Page - Texas Instruments SN74ALVCH162831 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162831 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162831 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162831 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162831 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162831 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162831 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74ALVCH162831
1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER
WITH 3-STATE OUTPUTS
SCES084F – AUGUST 1996 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
D Output Ports Have Equivalent 26-Ω Series
Resistors, So No External Resistors Are
Required
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Packaged in Thin Very Small-Outline
Package
NOTE: For tape and reel order entry:
The DBBR package is abbreviated to GR.
description
This 1-bit to 4-bit address register/driver is
designed for 1.65-V to 3.6-V VCC operation.
The device is ideal for use in applications in which
a single address bus is driving four separate
memory locations. The SN74ALVCH162831 can
be used as a buffer or a register, depending on the
logic level of the select (SEL) input.
When SEL is logic high, the device is in the buffer
mode. The outputs follow the inputs and are
controlled by the two output-enable (OE) inputs.
Each OE controls two groups of nine outputs.
When SEL is logic low, the device is in the register
mode. The register is an edge-triggered D-type
flip-flop. On the positive transition of the clock
(CLK) input, data set up at the A inputs is stored
in the internal registers. OE controls operate the
same as in buffer mode.
When OE is logic low, the outputs are in a normal
logic state (high or low logic level). When OE is
logic high, the outputs are in the high-impedance
state.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
DBB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
4Y1
3Y1
GND
2Y1
1Y1
VCC
NC
A1
GND
NC
A2
GND
NC
A3
VCC
NC
A4
GND
CLK
OE1
OE2
SEL
GND
A5
A6
VCC
A7
NC
GND
A8
NC
GND
A9
NC
VCC
4Y9
3Y9
GND
2Y9
1Y9
1Y2
2Y2
GND
3Y2
4Y2
VCC
1Y3
2Y3
GND
3Y3
4Y3
GND
1Y4
2Y4
VCC
3Y4
4Y4
GND
1Y5
2Y5
3Y5
4Y5
GND
1Y6
2Y6
VCC
3Y6
4Y6
GND
1Y7
2Y7
GND
3Y7
4Y7
VCC
1Y8
2Y8
GND
3Y8
4Y8
NC – No internal connection


Numéro de pièce similaire - SN74ALVCH162831

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH162831 TI1-SN74ALVCH162831 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831DBBR TI1-SN74ALVCH162831DBBR Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831GR TI1-SN74ALVCH162831GR Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVCH162831

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162344 TI-SN74ALVCH162344 Datasheet
118Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344 Datasheet
116Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com