Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVC164245KR Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74ALVC164245KR
Description  16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC164245KR Fiches technique(HTML) 1 Page - Texas Instruments

  SN74ALVC164245KR Datasheet HTML 1Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 2Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 3Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 4Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 5Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 6Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 7Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 8Page - Texas Instruments SN74ALVC164245KR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
NOTE: New and improved versions of the SN74ALVC164245
are available. The new part numbers are SN74LVC16T245 and
SN74LVCH16T245 and should be considered for new designs.
DESCRIPTION/ORDERING INFORMATION
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
(3.3 V, 5 V) VCCB
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
(3.3 V, 5 V) VCCB
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCCA (2.5 V, 3.3 V)
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCCA (2.5 V, 3.3 V)
2A5
2A6
GND
2A7
2A8
2OE
SN74ALVC164245
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS416P – MARCH 1994 – REVISED NOVEMBER 2005
Member of the Texas Instruments Widebus™
Family
Max tpd of 5.8 ns at 3.3 V
±24-mA Output Drive at 3.3 V
Control Inputs VIH/VIL Levels Are Referenced
to VCCA Voltage
Latch-Up Performance Exceeds 250 mA Per
JESD 17
This 16-bit (dual-octal) noninverting bus transceiver
contains two separate supply rails. B port has VCCB,
which is set to operate at 3.3 V and 5 V. A port has
VCCA, which is set to operate at 2.5 V and 3.3 V. This
allows for translation from a 2.5-V to a 3.3-V
environment, and vice versa, or from a 3.3-V to a 5-V
environment, and vice versa.
The SN74ALVC164245 is designed for asynchronous
communication between data buses. The control
circuitry (1DIR, 2DIR, 1OE, and 2OE) is powered by
VCCA.
To ensure the high-impedance state during power up
or power down, the output-enable (OE) input should
be tied to VCC through a pullup resistor; the minimum
value
of
the
resistor
is
determined
by
the
current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
FBGA – GRD
74ALVC164245GRDR
Tape and reel
VC4245
FBGA – ZRD (Pb-free)
74ALVC164245ZRDR
Tube of 25
SN74ALVC164245DL
SSOP – DL
SN74ALVC164245DLR
ALVC164245
Reel of 1000
74ALVC164245DLRG4
–40
°C to 85°C
SN74ALVC164245DGGR
Reel of 2000
74ALVC164245DGGRG4
TSSOP – DGG
ALVC164245
SN74ALVC164245DGGT
Reel of 250
74ALVC164245DGGTE4
VFBGA – GQL
SN74ALVC164245KR
Reel of 1000
VC4245
VFBGA – ZQL (Pb-free)
74ALVC164245ZQLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - SN74ALVC164245KR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVC164245KR TI-SN74ALVC164245KR Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245KR TI-SN74ALVC164245KR Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245KR TI-SN74ALVC164245KR Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245KR TI1-SN74ALVC164245KR Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVC164245KR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALB16245 TI-SN74ALB16245 Datasheet
107Kb / 7P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALB16245 TI-SN74ALB16245_08 Datasheet
363Kb / 13P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC164245PAG IDT-IDT74ALVC164245PAG Datasheet
98Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC164245 PERICOM-PI74AVC164245 Datasheet
185Kb / 10P
   16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com