Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALVC244DGVRE4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
SN74ALVC244DGVRE4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 15 page www.ti.com SWITCHING CHARACTERISTICS OPERATING CHARACTERISTICS SN74ALVC244 OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS SCES188G – FEBRUARY 1999 – REVISED OCTOBER 2004 over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 2.7 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tpd A Y 1 4.4 1 3.1 3.1 1.1 2.8 ns ten OE Y 1.8 6.9 1.5 5.4 5.3 1.5 4.5 ns tdis OE Y 1.8 5.9 1 4.1 4.4 1.7 4.2 ns T A = 25°C VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V TEST PARAMETER UNIT CONDITIONS TYP TYP TYP Outputs enabled 22 23 26 Power dissipation Cpd CL = 0, f = 10 MHz pF capacitance per buffer/driver Outputs disabled 1 1 1 4 |
Numéro de pièce similaire - SN74ALVC244DGVRE4 |
|
Description similaire - SN74ALVC244DGVRE4 |