Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS870 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74ALS870
Description  DUAL 16-BY-4 REGISTER FILES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS870 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74ALS870 Datasheet HTML 1Page - Texas Instruments SN74ALS870 Datasheet HTML 2Page - Texas Instruments SN74ALS870 Datasheet HTML 3Page - Texas Instruments SN74ALS870 Datasheet HTML 4Page - Texas Instruments SN74ALS870 Datasheet HTML 5Page - Texas Instruments SN74ALS870 Datasheet HTML 6Page - Texas Instruments SN74ALS870 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SN74ALS870
DUAL 16-BY-4 REGISTER FILES
SDAS139A – DECEMBER 1982 – REVISED JANUARY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
DQB2
14
DQB3
15
DQB4
16
DQA2
9
DQA3
10
DQA4
11
1A
0
15
0
2
1A0
3
1A1
4
1A2
3
5
1A3
0
19
2A0
20
2A1
21
2A2
3
22
2A3
C0/G10
1
S0
EN12 [A out]
C4
6
DQB1
13
Z7
C1/G11
23
S1
C2 [A in]
7
S2
C5
18
EN13 [B out]
C3 [B in]
17
S3
1W
2W
9,10
8
9
MUX
MUX
[REG FILE 16
× 4]
2A
0
15
12
8,10
11
11
Z8
6
7
RAM 16
× 1
[REG 1]
1A,0,2(1/3)4D
1A,1,3,4D
1A
13
Z9
6
7
RAM 16
× 1
[REG 2]
2A,0,2(1/3)5D
2A,1,3,5D
2A
DQA1
8
Z6
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.


Numéro de pièce similaire - SN74ALS870

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS873B TI-SN74ALS873B Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BDW TI-SN74ALS873BDW Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BDW TI-SN74ALS873BDW Datasheet
138Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BDWR TI-SN74ALS873BDWR Datasheet
138Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS873BNT TI-SN74ALS873BNT Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALS870

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54LS670 NSC-54LS670 Datasheet
150Kb / 4P
   TRI-STATE 4-BY-4 REGISTER FILES
logo
Texas Instruments
SN74LS670J TI-SN74LS670J Datasheet
1Mb / 21P
[Old version datasheet]   4-BY-4 REGISTER FILES WITH 3-STATE OUTPUTS
SN54LS670 TI-SN54LS670 Datasheet
318Kb / 8P
[Old version datasheet]   4-BY-4 REGISTER FILES WITH 3-STATE OUTPUTS
SN54170 TI-SN54170 Datasheet
453Kb / 12P
[Old version datasheet]   4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
SN54170 TI-SN54170_07 Datasheet
795Kb / 23P
[Old version datasheet]   4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
   3-STATE 4-by-4 Register File
logo
Hitachi Semiconductor
HD74LS670 HITACHI-HD74LS670 Datasheet
102Kb / 7P
   4-by-4 Register File(with three-state outputs)
HD74HC670 HITACHI-HD74HC670 Datasheet
56Kb / 10P
   4-by-4 Register File (with 3-state outputs)
HD74LS170 HITACHI-HD74LS170 Datasheet
95Kb / 7P
   4-by-4 Register File(with open collector outputs)
logo
System Logic Semiconduc...
SL74HC4015 SLS-SL74HC4015 Datasheet
50Kb / 6P
   Dual 4-Bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com