Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T-11-155-R3-M-AGC-GR Fiches technique(PDF) 4 Page - Source Photonics, Inc.

No de pièce T-11-155-R3-M-AGC-GR
Description  155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOURCE [Source Photonics, Inc.]
Site Internet  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-155-R3-M-AGC-GR Fiches technique(HTML) 4 Page - Source Photonics, Inc.

  T-11-155-R3-M-AGC-GR Datasheet HTML 1Page - Source Photonics, Inc. T-11-155-R3-M-AGC-GR Datasheet HTML 2Page - Source Photonics, Inc. T-11-155-R3-M-AGC-GR Datasheet HTML 3Page - Source Photonics, Inc. T-11-155-R3-M-AGC-GR Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminent’s sole and absolute discretion. Luminent warrants perfor-
mance of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as
“preliminary” are given to describe components only, and Luminent expressly disclaims any and all warranties for said products, including express, implied,
and statutory warranties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the
company’s Terms and Conditions of Sale for further warranty information.
Luminent assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intel-
lectual property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and
Luminent makes no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights.
Products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or
death to persons. Luminent customers using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify
Luminent for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that Luminent is not liable for any actual, con-
sequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
Luminent to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2007
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended.
Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
4
LUMNDS551-FEB0707
rev. A.0
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMINENTOIC.COM
T-11-155-X3-XXX-AGC-XX
155Mbps PIN-TIA Receiver Modules
-Receptacle & Pigtailed
Warnings
Legal Notice
Ordering Information
RoHS Compliant
-/G5/GR
Blank = RoHS non-compliant product
GR = Full RoHS compliant product (no exemption)
G5 = RoHS 5/6-compliant product (lead exemption)
S=SM 9/125µm
Fiber Application
FC/ST/SC/ -
Connector
T-11-155-X3-XXX-AGC-XX
Voltage
3=3.3V
P=Pigtail
R=Receptacle
Package
M=MM 50/125µm


Numéro de pièce similaire - T-11-155-R3-M-AGC-GR

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
T-11-155-R-MFC SOURCE-T-11-155-R-MFC Datasheet
396Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
T-11-155-R-MFC-G5 SOURCE-T-11-155-R-MFC-G5 Datasheet
396Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
T-11-155-R-MFC-GR SOURCE-T-11-155-R-MFC-GR Datasheet
396Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
T-11-155-R-MFC-K SOURCE-T-11-155-R-MFC-K Datasheet
396Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
T-11-155-R-MFC-K-G5 SOURCE-T-11-155-R-MFC-K-G5 Datasheet
396Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
More results

Description similaire - T-11-155-R3-M-AGC-GR

FabricantNo de pièceFiches techniqueDescription
logo
Source Photonics, Inc.
T-11-155-P-MMU-K-GR SOURCE-T-11-155-P-MMU-K-GR Datasheet
396Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
T-11-2315T-04 SOURCE-T-11-2315T-04 Datasheet
502Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-2315T-08 SOURCE-T-11-2315T-08 Datasheet
157Kb / 4P
   155Mbps PIN-TIA Receiver modules
T-11-2315C-02 SOURCE-T-11-2315C-02 Datasheet
567Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-1250-R3-SFC SOURCE-T-11-1250-R3-SFC Datasheet
424Kb / 4P
   PIN-TIA Receiver Modules-Receptacle & Pigtailed(3.3V)
T-11-2500-R-SFC SOURCE-T-11-2500-R-SFC Datasheet
1,020Kb / 4P
   2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-622-R-SFC SOURCE-T-11-622-R-SFC Datasheet
1Mb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (5V)
T-11-622-R3-SFC SOURCE-T-11-622-R3-SFC Datasheet
527Kb / 4P
   622Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-2500-R3-SFC SOURCE-T-11-2500-R3-SFC Datasheet
975Kb / 4P
   2.5Gbps PIN-TIA Receiver Modules-Receptacle & Pigtailed (3.3V)
T-11-155-D-SSC SOURCE-T-11-155-D-SSC Datasheet
625Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com