Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS621A Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALS621A
Description  OCTAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS621A Fiches technique(HTML) 11 Page - Texas Instruments

Back Button SN74ALS621A Datasheet HTML 7Page - Texas Instruments SN74ALS621A Datasheet HTML 8Page - Texas Instruments SN74ALS621A Datasheet HTML 9Page - Texas Instruments SN74ALS621A Datasheet HTML 10Page - Texas Instruments SN74ALS621A Datasheet HTML 11Page - Texas Instruments SN74ALS621A Datasheet HTML 12Page - Texas Instruments SN74ALS621A Datasheet HTML 13Page - Texas Instruments SN74ALS621A Datasheet HTML 14Page - Texas Instruments SN74ALS621A Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74ALS623ANE4
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74ALS623ANSR
ACTIVE
SO
NS
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALS623ANSRE4
ACTIVE
SO
NS
20
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS623DW
OBSOLETE
SOIC
DW
20
TBD
Call TI
Call TI
SN74AS623DWR
OBSOLETE
SOIC
DW
20
TBD
Call TI
Call TI
SN74AS623N
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
17-Oct-2005
Addendum-Page 2


Numéro de pièce similaire - SN74ALS621A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS621A TI1-SN74ALS621A Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621A-1 TI1-SN74ALS621A-1 Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621A-1N TI1-SN74ALS621A-1N Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS621ADW TI-SN74ALS621ADW Datasheet
477Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER
SN74ALS621ADW TI1-SN74ALS621ADW Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results

Description similaire - SN74ALS621A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com