Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT7819-15PN Fiches technique(PDF) 19 Page - Texas Instruments |
|
SN74ABT7819-15PN Fiches technique(HTML) 19 Page - Texas Instruments |
19 / 20 page SN74ABT7819 512 × 18 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCBS125G – JULY 1992 – REVISED JULY 1998 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS typ + 2 typ typ – 2 0 50 100 150 typ + 4 typ + 6 PROPAGATION DELAY TIME vs LOAD CAPACITANCE 200 250 300 CL – Load Capacitance – pF VCC = 5 V TA = 25°C RL = 500 Ω Figure 11 100 80 60 20 10 15 20 25 30 35 40 120 140 SUPPLY CURRENT vs CLOCK FREQUENCY 160 45 50 65 70 40 55 60 fclock – Clock Frequency – MHz VCC = 4.5 V VCC = 5 V VCC = 5.5 V TA = 75°C CL = 0 pF Figure 12 |
Numéro de pièce similaire - SN74ABT7819-15PN |
|
Description similaire - SN74ABT7819-15PN |