Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT7819 Fiches technique(PDF) 15 Page - Texas Instruments |
|
SN74ABT7819 Fiches technique(HTML) 15 Page - Texas Instruments |
15 / 20 page SN74ABT7819 512 × 18 × 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY SCBS125G – JULY 1992 – REVISED JULY 1998 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state or power-off state, VO –0.5 V to 5.5 V . . . . . . . . . . . . . . Current into any output in the low state, IO 48 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): PH package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PN package 62 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51. recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VI Input voltage 0 VCC V IOH High-level output current –12 mA IOL Low-level output current 24 mA ∆t/∆v Input transition rise or fall rate 5 ns/V TA Operating free-air temperature 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP‡ MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 V VCC = 4.5 V, IOH = –3 mA 2.5 VOH VCC = 5 V, IOH = –3 mA 3 V VCC = 4.5 V, IOH = –12 mA 2 VOL VCC = 4.5 V, IOL = 24 mA 0.5 V II VCC = 5.5 V, VI = VCC or GND ±1 µA IOZH§ VCC = 5.5 V, VO = 2.7 V 50 µA IOZL§ VCC = 5.5 V, VO = 0.5 V –50 µA IO¶ VCC = 5.5 V, VO = 2.5 V –40 –100 –180 mA V5 5 V I 0 Outputs high 15 ICC VCC = 5.5 V, IO = 0, VI =VCC or GND Outputs low 95 mA VI = VCC or GND Outputs disabled 15 Ci Control inputs VI = 2.5 V or 0.5 V 6 pF Co Flags VO = 2.5 V or 0.5 V 4 pF Cio A or B ports VO = 2.5 V or 0.5 V 8 pF ‡ All typical values are at VCC = 5 V, TA = 25°C. § The parameters IOZH and IOZL include the input leakage current. ¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second. |
Numéro de pièce similaire - SN74ABT7819 |
|
Description similaire - SN74ABT7819 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |