Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCD15-24S12W Fiches technique(PDF) 1 Page - Power Mate Technology Co., LTD

No de pièce LCD15-24S12W
Description  15 WATTS MAXIMUM OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  P-DUKE [Power Mate Technology Co., LTD]
Site Internet  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD15-24S12W Fiches technique(HTML) 1 Page - Power Mate Technology Co., LTD

  LCD15-24S12W Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD15-24S12W Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD15-24S12W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3 Issued Date:2008/05/21
OUTPUT SPECIFICATIONS
Output power
15 Watts
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load
0%
Voltage adjustability (Note 6)
±10%
Line regulation
LL to HL at Full Load Single
Dual
± 0.2%
± 0.5%
Load regulation
No Load to Full Load Single
Dual
± 0.2%
± 1.0%
Cross regulation (Dual)
Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
(Measured with a 1μF M/C and a 10μF T/C)
See table
Temperature coefficient
±
0.02% / ºC, max.
Transient response recovery time 25% load step change
250μS
Over voltage protection
3.3V output
5V output
12V output
15V output
3.7VDC-5.4VDC
5.6VDC-7.0VDC
13.5VDC-19.6VDC
16.8VDC-20.5VDC
Over load protection
% of FL at nominal input
150%, typ.
Short circuit protection
Hiccup, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to Case
1600VDC, min.
1000VDC, min.
Isolation resistance
10
9
ohms, min.
Isolation capacitance
1000pF, max.
Switching frequency
400KHz, typ.
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
FR4 PCB
Potting material
Epoxy (UL94-V0)
Dimensions
1.0 X 1.0 X 0.39 Inch
(25.4 X 25.4 X 9.9mm)
Weight
15g
MTBF (Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
1.330x10
6hrs
5.630x10
5hrs
INPUT SPECIFICATIONS
Input voltage range
24V nominal input
48V nominal input
9 – 36VDC
18 – 75VDC
Input surge voltage
100mS max
24V input
48V input
50VDC
100VDC
Input reflected ripple current Nominal Vin and full load
30mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
Remote ON/OFF
30ms, max.
30ms, max.
Start-up voltage
24V input
48V input
9VDC
18VDC
Shutdown voltage
24V input
48V input
8VDC
16VDC
Remote ON/OFF (Note 7)
Positive logic(Option)
Negative logic(Standard)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Open or 3 V < Vr < 15V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3V < Vr < 15V
Input current of Remote control pin
Nominal Vin
-0.5mA~1.0mA
Remote off state input current
Nominal Vin
2.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40℃ to +85℃ (with derating)
Maximum case temperature
105ºC
Storage temperature range
-55ºC ~ +125ºC
Thermal impedance
(Note 8)
Nature convection
Nature convection with heat-sink
18.2℃/Watt
15.8℃/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 9)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
±
8KV
±
6KV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 10) EN61000-4-4
±
2KV
Perf. Criteria A
Surge (Note 10)
EN61000-4-5
±
1KV
Perf. Criteria A
Conducted immunity
EN61000-4-6
3 Vr.m.s
Perf. Criteria A
TECHNICAL SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
15 WATTS MAXIMUM OUTPUT POWER
SINGLE OUTPUT UP TO 4A
SMALL SIZE AND LOW PROFILE:1.0 x 1.0 x 0.39 INCH
HIGH EFFICIENCY UP TO 88%
4:1 ULTRA WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY
INPUT TO OUTPUT ISOLATION
INDUSTRY STANDARD PIN-OUT FEC15 SERIES COMPATIBLE
CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
OPTIONS
Positive logic Remote On/Off, Without trim, Without On/Off pin
DESCRIPTION
LCD15W DC/DC converters provide up to 15 watts of output power in an industry
standard package and footprint. These units are specifically designed to meet the
power needs of low profile. All models feature with 4:1 ultra wide input voltage of
9-36 VDC and 18-75VDC, comprehensively protected against over-current, over-
voltage and input under-voltage protection conditions, and trimmable output voltage.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Numéro de pièce similaire - LCD15-24S12W

FabricantNo de pièceFiches techniqueDescription
logo
Power Mate Technology C...
LCD15-24S12W P-DUKE-LCD15-24S12W Datasheet
442Kb / 4P
   DC-DC CONVERTER
logo
Astrodyne Corporation
LCD15-24S12W ASTRODYNE-LCD15-24S12W Datasheet
602Kb / 4P
   Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
More results

Description similaire - LCD15-24S12W

FabricantNo de pièceFiches techniqueDescription
logo
Power Mate Technology C...
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LCD15-12S3P3 P-DUKE-LCD15-12S3P3 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
logo
Power Mate Technology C...
LED15-24S3P3W P-DUKE-LED15-24S3P3W Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPU POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
PDL02-05S33 P-DUKE-PDL02-05S33 Datasheet
309Kb / 3P
   2 WATTS MAXIMUM OUTPUT POWER
PDL03-05S3P3 P-DUKE-PDL03-05S3P3 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-12S3P3W P-DUKE-PDL03-12S3P3W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com