Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN65LVDS1050 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN65LVDS1050
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS1050 Fiches technique(HTML) 1 Page - Texas Instruments

  SN65LVDS1050 Datasheet HTML 1Page - Texas Instruments SN65LVDS1050 Datasheet HTML 2Page - Texas Instruments SN65LVDS1050 Datasheet HTML 3Page - Texas Instruments SN65LVDS1050 Datasheet HTML 4Page - Texas Instruments SN65LVDS1050 Datasheet HTML 5Page - Texas Instruments SN65LVDS1050 Datasheet HTML 6Page - Texas Instruments SN65LVDS1050 Datasheet HTML 7Page - Texas Instruments SN65LVDS1050 Datasheet HTML 8Page - Texas Instruments SN65LVDS1050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN65LVDS1050
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLLS343A – APRIL 1999 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Typically Meets or Exceeds ANSI
TIA/EIA-644-1995 Standard
D Operates From a Single 2.4-V to 3.6-V
Supply
D Signaling Rates up to 400 Mbit/s
D Bus-Terminal ESD Exceeds 12 kV
D Low-Voltage Differential Signaling With
Typical Output Voltages of 285 mV and a
100
Ω Load
D Propagation Delay Times
– Driver: 1.7 ns Typ
– Receiver: 3.7 ns Typ
D Power Dissipation at 200 MHz
– Driver: 25 mW Typical
– Receiver: 60 mW Typical
D LVTTL Input Levels Are 5 V Tolerant
D Driver Is High Impedance When Disabled or
With VCC < 1.5 V
D Receiver Has Open-Circuit Fail Safe
D Available in Thin Shink Outline Packaging
With 20-mil Lead Pitch
description
The
SN65LVDS1050
is
similar
to
the
SN65LVDS050 except that it is characterized for
operation with a lower supply voltage range and
packaged in the thin shrink outline package for
portable battery-powered applications.
The differential line drivers and receivers use
low-voltage
differential
signaling
(LVDS)
to
achieve signaling rates as high as 400 Mbps. The
drivers provide a minimum differential output
voltage magnitude of 247 mV into a 100-
Ω load
and receipt of 100-mV signals with up to 1 V of
ground potential difference between a transmitter
and receiver.
The intended application of this device and signaling technique is for point-to-point baseband data transmission
over controlled impedance media of approximately 100-
Ω characteristic impedance. The transmission media
may be printed-circuit board traces, backplanes, or cables. Note: The ultimate rate and distance of data transfer
is dependent upon the attenuation characteristics of the media, the noise coupling to the environment and other
application-specific characteristics.
The SN65LVDS1050 is characterized for operation from –40
°C to 85°C.
Copyright
© 2000, Texas Instruments Incorporated
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
RE
2R
2A
2B
GND
VCC
1D
1Y
1Z
DE
2Z
2Y
2D
SN65LVDS1050PW
(Marked as DL1050 or DLS1050)
(TOP VIEW)
2D
1D
1Y
1Z
2Y
2Z
DE
9
15
12
14
13
10
11
2R
1R
1A
1B
2A
2B
RE
5
3
4
2
1
6
7
DRIVER FUNCTION TABLE
RECEIVER FUNCTION TABLE
INPUTS
OUTPUTS
INPUTS
OUTPUT
D
X
DE
Y
X
VID = VA – VB
VID ≥ 100 mV
–100 MV < VID < 100 mV
VID ≤ –100 mV
Open
RE
R
L
Open
Z
L
L
L
H
H
?
L
H
Z
Z
LL
HH
H
H
L
H
Z
L
HH
L
H = high level, L = low level, Z = high impedance,
X = don’t care
H = high level, L = low level, Z = high impedance,
X = don’t care
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Numéro de pièce similaire - SN65LVDS1050

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN65LVDS1050 TI1-SN65LVDS1050 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050 TI1-SN65LVDS1050 Datasheet
849Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PW TI1-SN65LVDS1050PW Datasheet
849Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
849Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Description similaire - SN65LVDS1050

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com